Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSC2133 Datasheet(PDF) 2 Page - Microchip Technology

Part # DSC2133
Description  Low-Jitter I2C/SPI Programmable Dual LVDS Oscillator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC2133 Datasheet(HTML) 2 Page - Microchip Technology

  DSC2133 Datasheet HTML 1Page - Microchip Technology DSC2133 Datasheet HTML 2Page - Microchip Technology DSC2133 Datasheet HTML 3Page - Microchip Technology DSC2133 Datasheet HTML 4Page - Microchip Technology DSC2133 Datasheet HTML 5Page - Microchip Technology DSC2133 Datasheet HTML 6Page - Microchip Technology DSC2133 Datasheet HTML 7Page - Microchip Technology DSC2133 Datasheet HTML 8Page - Microchip Technology DSC2133 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DSC2133/DSC2233
DS20006231A-page 2
2022 Microchip Technology Inc. and its subsidiaries
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Input Voltage, VIN..............................................................................................................................–0.3V to VDD + 0.3V
Supply Voltage .......................................................................................................................................... –0.3V to +4.0V
ESD Protection On All Pins ......................................................................... 400V MM, 4000V HBM, 1500V CDM (max.)
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
Note:
1000+ years of data retention on internal memory.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Voltage (Note 1)
VDD
2.25
3.6
V
Supply Current (Note 2)
IDD
21
23
mA
EN pin low – outputs are
disabled
38
EN pin high – outputs are
enabled; RL=100Ω,
fO1 = fO2 = 156.25 MHz
Frequency Stability
f
±25
ppm
Includes frequency variations
due to initial tolerance, temp.
and power supply voltage.
±50
Aging
f
±5
ppm
1 year @ 25°C
Startup Time (Note 3)
tSU
5
ms
T = 25°C
Input Logic Levels
VIH
0.75VDD
V
Input logic high
VIL
0.25VDD
Input logic low
Output Disable Time
(Note 4)
tDA
5
ns
Output Enable Time
tEN
20
ns
Pull-up Resistor (Note 2)
40
k
Pull-up resistor exists on all
digital IO
LVDS Output
Output Offset Voltage
1.125
1.4
V
R = 100Ω differential
Delta Offset Voltage
50
mV
Peak-to-Peak Output
Swing
350
mV
Single-ended
Output Transition Time
(Note 4)
tr/tf
200
ps
20% to 80%
RL = 50Ω, CL = 2 pF
Note 1: Pin 4 VDD should be filtered with 0.01 µf capacitor.
2: Output is enabled if Enable pad is floated or not connected.
3: tSU is time to 100 ppm stable output frequency after VDD is applied and outputs are enabled.
4: Output Waveform and Test Circuit figures define the parameters.
5: Period Jitter includes crosstalk from adjacent output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com