Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSC2133 Datasheet(PDF) 5 Page - Microchip Technology

Part # DSC2133
Description  Low-Jitter I2C/SPI Programmable Dual LVDS Oscillator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC2133 Datasheet(HTML) 5 Page - Microchip Technology

  DSC2133 Datasheet HTML 1Page - Microchip Technology DSC2133 Datasheet HTML 2Page - Microchip Technology DSC2133 Datasheet HTML 3Page - Microchip Technology DSC2133 Datasheet HTML 4Page - Microchip Technology DSC2133 Datasheet HTML 5Page - Microchip Technology DSC2133 Datasheet HTML 6Page - Microchip Technology DSC2133 Datasheet HTML 7Page - Microchip Technology DSC2133 Datasheet HTML 8Page - Microchip Technology DSC2133 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006231A-page 5
DSC2133/DSC2233
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number Pin Name
Pin Type
Description
1
Enable
I
Enables outputs when high and disables when low.
2
NC
N/A
Leave unconnected or grounded.
3
NC
N/A
DSC2133: Leave unconnected or grounded.
SCLK
I
DSC2233: Serial clock from server.
4
GND
Power
Ground.
5
SDA
I
DSC2133: I2C Serial Data.
MOSI
—
DSC2233: SPI Serial Data from Server to Client.
6
SCL
I
DSC2133: I2C Serial Clock.
MISO
O
DSC2233: SPI Serial Data from Client to Server.
7
CS_bar
I
DSC2133: I2C Chip Select (Active Low).
SS
I
DSC2233: SPI Client Select (Active Low).
8
Output1+
O
Positive LVDS Output 1.
9
Output1–
O
Negative LVDS Output 1.
10
Output2–
O
Negative LVDS Output 2.
11
Output2+
O
Positive LVDS Output 2.
12
VDD2
Power
Power Supply for LVDS Output 2.
13
VDD
Power
Power Supply.
14
FS
I
Default output clock frequency bit (internal pull-up).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com