Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSC2133 Datasheet(PDF) 10 Page - Microchip Technology

Part # DSC2133
Description  Low-Jitter I2C/SPI Programmable Dual LVDS Oscillator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC2133 Datasheet(HTML) 10 Page - Microchip Technology

Back Button DSC2133 Datasheet HTML 6Page - Microchip Technology DSC2133 Datasheet HTML 7Page - Microchip Technology DSC2133 Datasheet HTML 8Page - Microchip Technology DSC2133 Datasheet HTML 9Page - Microchip Technology DSC2133 Datasheet HTML 10Page - Microchip Technology DSC2133 Datasheet HTML 11Page - Microchip Technology DSC2133 Datasheet HTML 12Page - Microchip Technology DSC2133 Datasheet HTML 13Page - Microchip Technology DSC2133 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DSC2133/DSC2233
DS20006231A-page 10
2022 Microchip Technology Inc. and its subsidiaries
14-Lead QFN 3.2 mm x 2.5 mm Package Outline and Recommended Land Pattern
Note: For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com