Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2810 Datasheet(PDF) 16 Page - Microchip Technology

Part # MIC2810
Description  Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2810 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MIC2810 Datasheet HTML 12Page - Microchip Technology MIC2810 Datasheet HTML 13Page - Microchip Technology MIC2810 Datasheet HTML 14Page - Microchip Technology MIC2810 Datasheet HTML 15Page - Microchip Technology MIC2810 Datasheet HTML 16Page - Microchip Technology MIC2810 Datasheet HTML 17Page - Microchip Technology MIC2810 Datasheet HTML 18Page - Microchip Technology MIC2810 Datasheet HTML 19Page - Microchip Technology MIC2810 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
MIC2810
DS20005910B-page 16
2017 - 2022 Microchip Technology Inc. and its subsidiaries.
4.0
APPLICATION INFORMATION
The MIC2810 is a power management IC with a single
integrated step-down regulator and two low dropout
regulators. LDO1 and LDO2 are 300 mA low dropout
regulators supplied from the input voltage pins. The
step-down regulator is a 600 mA PWM power supply.
All three regulators utilize a LOWQ light load mode to
maximize battery efficiency under light load conditions.
This is achieved with a LOWQ control pin that, when
pulled low, shuts down all the biasing and drive current
for the PWM regulator, along with reducing the current
limit of the two independent LDOs. When the LOWQ
pin is pulled low, the MIC2810 draws only 30 µA of
operating current. This mode allows the output to be
regulated through the LDO output, which is capable of
providing 60 mA of output current. This method has the
advantage of producing a clean, low current, ultra-low
noise output in LOWQ mode. During LOWQ mode, the
SW node becomes high impedance, blocking current
flow. Other methods of reducing quiescent current,
such as pulse frequency modulation (PFM) or bursting
techniques create large amplitude and low frequency
ripple voltages that can be detrimental to system
operation.
When more than 60 mA is required, the LOWQ pin can
be forced high, causing the MIC2810 to enter PWM
mode. In this case, the LDO output makes a "hand-off"
to the PWM regulator with virtually no variation in
output voltage. The LDO output then turns off allowing
up to 600 mA of current to be efficiently supplied
through the PWM output to the load.
4.1
Output Capacitor
LDO1 and LDO2 outputs require a 2.2 µF ceramic
output capacitor for stability. The DC/DC switch mode
regulator also requires a 2.2 µF ceramic output
capacitor to be stable. All output capacitor values can
be increased to improve transient response, but
performance has been optimized for a 2.2 µF ceramic
on the LDOs and the DC/DC regulator. X7R/X5R
dielectric-type ceramic capacitors are recommended
because
of
their
temperature
performance.
X5R/X7R-type capacitors change capacitance by 15%
over their operating temperature range and are the
most stable type of ceramic capacitors. Z5U and Y5V
dielectric capacitors change value by as much as 50%
to 60% respectively over their operating temperature
ranges.
4.2
Input Capacitor
A minimum 1 µF ceramic, 4.7 µF recommended,
should be placed as close as possible to the VIN pin for
optimal bypassing. X5R or X7R dielectrics are
recommended for the input capacitor. Y5V dielectrics
lose most of their capacitance over temperature and
are therefore, not recommended. A minimum 1 µF is
recommended close to the VIN and PGND pins for high
frequency filtering. Smaller case size capacitors are
recommended due to their lower ESR and ESL. Please
refer to the PCB layout section for an example of an
appropriate circuit layout.
4.3
Inductor Selection
The MIC2810 is designed for use with a 2.2 µH
inductor. Proper selection should ensure the inductor
can handle the maximum average and peak currents
required by the load. Maximum current ratings of the
inductor are generally given in two methods;
permissible DC current and saturation current.
Permissible DC current can be rated either for a 40°C
temperature rise or a 10% to 20% loss in inductance.
Ensure that the inductor selected can handle the
maximum operating current. When saturation current is
specified, make sure that there is enough margin that
the peak current will not saturate the inductor. Peak
inductor current can be calculated as follows:
EQUATION 4-1:
4.4
POR Delay Time
The POR signal also goes low for the duration of the
delay time given by Equation 3-1 when only one of the
enable inputs (EN, EN1, EN2) transitions from low to
high, with the others being already high and the
corresponding output being in regulation. This is shown
in Figure 2-30, Figure 2-31, and Figure 2-32. At the
low-to-high transition of either enable input, the CSET
pin capacitor is discharged to ground, and the POR
delay time is restarted.
At start-up, in order to prevent a momentary HIGH
glitch of the POR signal between subsequent enable
commands, it is recommended to set the POR delay
time longer than the maximum delay expected between
the enable command signals plus the turn-on time
tTURN-ON.
For a given delay between the enable signals, an
example of correct POR delay time design is shown in
Figure 2-33 and Figure 2-34. In Figure 2-33, it can be
seen that the CSET voltage is reset to ground by
subsequent low-to-high enable signals transitions
before it reaches the VTHCSET voltage (1.25V typ.),
thus extending the duration of the POR LOW assertion
(Figure 2-34).
IPK IOUT
VOUT 1
VOUT
VIN
----------------
–
2 f
L
------------------------------------------------
+
=
Where:
IPK = Peak inductor current.
IOUT = Output/load current.
VIN = Input voltage.
VOUT = Output voltage.
f = Switching frequency of the PWM regulator.
L = Inductor value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com