Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2810 Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC2810
Description  Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2810 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC2810 Datasheet HTML 13Page - Microchip Technology MIC2810 Datasheet HTML 14Page - Microchip Technology MIC2810 Datasheet HTML 15Page - Microchip Technology MIC2810 Datasheet HTML 16Page - Microchip Technology MIC2810 Datasheet HTML 17Page - Microchip Technology MIC2810 Datasheet HTML 18Page - Microchip Technology MIC2810 Datasheet HTML 19Page - Microchip Technology MIC2810 Datasheet HTML 20Page - Microchip Technology MIC2810 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries.
DS20005910B-page 17
MIC2810
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Example
16-Lead QFN*
Y
XXXXX
NNN
Y
YDFGS
722
Refer to the Product Identification System
section for information on the output voltage
for each device.
Part Number
Code
MIC2810-1JGMYML-TR
D1JGM
MIC2810-1J6JYML-TR
D1J6J
MIC2810-1J6SYML-TR
D1J6S
MIC2810-44MYML-TR
YD44M
MIC2810-4GKYML-TR
YD4GK
MIC2810-4GMYML-TR
YD4GM
MIC2810-4GPYML-TR
YD4GP
MIC2810-4GSYML-TR
YD4GS
MIC2810-4LSYML-TR
YD4LS
MIC2810-4MSYML-TR
YD4MS
MIC2810-CGJYML-TR
YDCGJ
MIC2810-FGSYML-TR
YDFGS
Legend: XX...X Product code or customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
Note: In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
Underbar (_) and/or Overbar (‾) symbol may not be to scale.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com