Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L052C6 Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM8L052C6
Description  Value Line, 8-bit ultra-low-power MCU, 32-KB Flash, 256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L052C6 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM8L052C6 Datasheet HTML 51Page - STMicroelectronics STM8L052C6 Datasheet HTML 52Page - STMicroelectronics STM8L052C6 Datasheet HTML 53Page - STMicroelectronics STM8L052C6 Datasheet HTML 54Page - STMicroelectronics STM8L052C6 Datasheet HTML 55Page - STMicroelectronics STM8L052C6 Datasheet HTML 56Page - STMicroelectronics STM8L052C6 Datasheet HTML 57Page - STMicroelectronics STM8L052C6 Datasheet HTML 58Page - STMicroelectronics STM8L052C6 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 103 page
background image
DocID023331 Rev 2
55/103
STM8L052C6
Electrical parameters
97
8.3
Operating conditions
Subject to general operating conditions for VDD and TA.
8.3.1
General operating conditions
Table 15. General operating conditions
Symbol
Parameter
Conditions
Min.
Max.
Unit
fSYSCLK
(1)
System clock
frequency
1.8 V
V
DD  3.6 V
0
16
MHz
VDD
Standard operating
voltage
-1.8
3.6
V
VDDA
Analog operating
voltage
Must be at the same
potential as VDD
1.8
3.6
V
PD
(2)
Power dissipation at
TA= 85 °C
LQFP48
-
288
mW
PD
(3)
Power dissipation at
TA= 85 °C
TSSOP20
-
181
mW
TA
Temperature range
1.8 V
V
DD 3.6 V
-40
85
°C
TJ
Junction temperature
range
-40 °C
T
A 85 °C
-40
105(4)
°C
1.
fSYSCLK = fCPU
2.
To calculate PDmax(TA), use the formula PDmax=(TJmax -TA)/JA with TJmax in this table and JA in “Thermal
characteristics” table.
3.
To calculate PDmax(TA), use the formula PDmax=(TJmax -TA)/JA with TJmax in this table and JA in “Thermal
characteristics” table.
4.
TJmax is given by the test limit. Above this value, the product behavior is not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com