Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L052C6 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM8L052C6
Description  Value Line, 8-bit ultra-low-power MCU, 32-KB Flash, 256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L052C6 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM8L052C6 Datasheet HTML 22Page - STMicroelectronics STM8L052C6 Datasheet HTML 23Page - STMicroelectronics STM8L052C6 Datasheet HTML 24Page - STMicroelectronics STM8L052C6 Datasheet HTML 25Page - STMicroelectronics STM8L052C6 Datasheet HTML 26Page - STMicroelectronics STM8L052C6 Datasheet HTML 27Page - STMicroelectronics STM8L052C6 Datasheet HTML 28Page - STMicroelectronics STM8L052C6 Datasheet HTML 29Page - STMicroelectronics STM8L052C6 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 103 page
background image
Pin description
STM8L052C6
26/103
DocID023331 Rev 2
36
PD7/TIM1_CH1N
/LCD_SEG21/
ADC1_IN7/RTC_ALARM/V
REFINT
I/O TT(2)
XXX
HS
X
X Port D7
Timer 1 - inverted channel 1/
LCD segment 21 / ADC1_IN7 /
RTC alarm / Internal voltage
reference output
14
PE0(3)/LCD_SEG1
I/O
FT
X
X
X
HS
X
X Port E0 LCD segment 1
15
PE1/TIM1_CH2N/
LCD_SEG2
I/O TT(2)
XXX
HS
X
X Port E1
Timer 1 - inverted channel 2 /
LCD segment 2
16
PE2/TIM1_CH3N/
LCD_SEG3
I/O TT(2)
XXX
HS
X
X Port E2
Timer 1 - inverted channel 3 /
LCD segment 3
17
PE3/LCD_SEG4
I/O TT(2)
XXX
HS
X
X Port E3 LCD segment 4
18
PE4/LCD_SEG5
I/O TT(2)
XXX
HS
X
X Port E4 LCD segment 5
19
PE5/LCD_SEG6/
ADC1_IN23
I/O TT(2)
XXX
HS
X
X Port E5 LCD segment 6 / ADC1_IN23
47
PE6/LCD_SEG26/
PVD_IN
I/O TT(2)
XXX
HS
X
X Port E6 LCD segment 26/PVD_IN
48
PE7/LCD_SEG27
I/O TT(2)
XXX
HS
X
X Port E7 LCD segment 27
32
PF0/ADC1_IN24
I/O
X
X
X
HS
X
X Port F0
ADC1_IN24
13
VLCD
S
LCD booster external capacitor
13
Reserved
Reserved. Must be tied to VDD
10
VDD
S
Digital power supply
11
VDDA
S
Analog supply voltage
12
VREF+
S
ADC1 positive voltage reference
9VSS1/VSSA/VREF-
S
I/O ground / Analog ground voltage /
ADC1 negative voltage reference
39
VDD2
S
IOs supply voltage
40
VSS2
S
IOs ground voltage
1
PA0(6)/[USART1_CK](8)/
SWIM/BEEP/IR_TIM (7)
I/O
X
X(6)
X
HS
(7)
XX Port A0
[USART1 synchronous
clock](8) / SWIM input and out-
put /Beep output
/ Infrared Timer output
1.
At power-up, the PA1/NRST pin is a reset input pin with pull-up. To be used as a general purpose pin (PA1), it can be
configured only as output open-drain or push-pull, not as a general purpose input. Refer to Section Configuring NRST/PA1
pin as general purpose output in the STM8L15x and STM8L16x reference manual (RM0031).
2.
In the 3.6 V tolerant I/Os, protection diode to VDD is not implemented.
Table 4. Medium-density value line STM8L052C6pin description (continued)
Pin #
Pin name
Input
Output
Default alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com