Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L052C6 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM8L052C6
Description  Value Line, 8-bit ultra-low-power MCU, 32-KB Flash, 256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L052C6 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM8L052C6 Datasheet HTML 21Page - STMicroelectronics STM8L052C6 Datasheet HTML 22Page - STMicroelectronics STM8L052C6 Datasheet HTML 23Page - STMicroelectronics STM8L052C6 Datasheet HTML 24Page - STMicroelectronics STM8L052C6 Datasheet HTML 25Page - STMicroelectronics STM8L052C6 Datasheet HTML 26Page - STMicroelectronics STM8L052C6 Datasheet HTML 27Page - STMicroelectronics STM8L052C6 Datasheet HTML 28Page - STMicroelectronics STM8L052C6 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 103 page
background image
DocID023331 Rev 2
25/103
STM8L052C6
Pin description
48
42
PC3/USART1_TX/
LCD_SEG23/
ADC1_IN5
I/O TT(2)
XXX
HS
X
X Port C3
USART1 transmit /
LCD segment 23 / ADC1_IN5
43
PC4/USART1_CK/
I2C1_SMB/CCO/
LCD_SEG24/
ADC1_IN4
I/O TT(2)
XXX
HS
X
X Port C4
USART1 synchronous clock /
I2C1_SMB / Configurable
clock output /
LCD segment 24/
ADC1_IN4
44
PC5/OSC32_IN
/[SPI1_NSS](8)/
[USART1_TX](8)
I/O
XXX
HS
X
X Port C5
LSE oscillator input / [SPI1
master/slave select] /
[USART1 transmit]
45
PC6/OSC32_OUT/
[SPI1_SCK](8)/
[USART1_RX](8)
I/O
XXX
HS
X
X Port C6
LSE oscillator output / [SPI1
clock] / [USART1 receive]
46
PC7/LCD_SEG25/
ADC1_IN3
I/O TT(2)
XXX
HS
X
X Port C7 LCD segment 25 /ADC1_IN3
20
PD0/TIM3_CH2/
[ADC1_TRIG](8)/
LCD_SEG7/ADC1_IN22/
I/O TT(2)
XXX
HS
X
X Port D0
Timer 3 - channel 2 /
[ADC1_Trigger] / LCD
segment 7 / ADC1_IN22
21
PD1/TIM3_ETR/
LCD_COM3/
ADC1_IN21
I/O TT(2)
XXX
HS
X
X Port D1
Timer 3 - external trigger /
LCD_COM3 / ADC1_IN21
22
PD2/TIM1_CH1
/LCD_SEG8/
ADC1_IN20
I/O TT(2)
XXX
HS
X
X Port D2
Timer 1 - channel 1 / LCD
segment 8 / ADC1_IN20
23
PD3/ TIM1_ETR/
LCD_SEG9/ADC1_IN19
I/O TT(2)
XXX
HS
X
X Port D3
Timer 1 - external trigger /
LCD segment 9 / ADC1_IN19
33
PD4/TIM1_CH2
/LCD_SEG18/
ADC1_IN10
I/O TT(2)
XXX
HS
X
X Port D4
Timer 1 - channel 2 / LCD
segment 18 / ADC1_IN10
34
PD5/TIM1_CH3
/LCD_SEG19/
ADC1_IN9
I/O TT(2)
XXX
HS
X
X Port D5
Timer 1 - channel 3 / LCD
segment 19 / ADC1_IN9
35
PD6/TIM1_BKIN
/LCD_SEG20/
ADC1_IN8/RTC_CALIB/
/VREFINT
I/O TT(2)
XXX
HS
X
X Port D6
Timer 1 - break input / LCD
segment 20 / ADC1_IN8 /
RTC calibration / Internal
voltage reference output
Table 4. Medium-density value line STM8L052C6pin description (continued)
Pin #
Pin name
Input
Output
Default alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com