Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC572L60F2 Datasheet(PDF) 65 Page - STMicroelectronics

Part # SPC572L60F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L60F2 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button SPC572L60F2 Datasheet HTML 61Page - STMicroelectronics SPC572L60F2 Datasheet HTML 62Page - STMicroelectronics SPC572L60F2 Datasheet HTML 63Page - STMicroelectronics SPC572L60F2 Datasheet HTML 64Page - STMicroelectronics SPC572L60F2 Datasheet HTML 65Page - STMicroelectronics SPC572L60F2 Datasheet HTML 66Page - STMicroelectronics SPC572L60F2 Datasheet HTML 67Page - STMicroelectronics SPC572L60F2 Datasheet HTML 68Page - STMicroelectronics SPC572L60F2 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 112 page
background image
DocID027866 Rev 5
65/112
SPC572Lx
Electrical characteristics
111
3.15.3
Device voltage monitoring
Voltage monitoring thresholds are shown in the following figure.
Figure 19. Voltage monitor threshold definition
The LVDs for the device and their levels are given in the following table.
6. Across the whole process, voltage and temperature range with full load.
7. By simulation.
VDD_xxx
tVDRELEASE
VLVD_290
LVD TRIGGER
tVDASSERT
(INTERNAL)
Table 32. Voltage monitor electrical characteristics(1)
Symbol
C
Parameter
Conditions
Value(2)
Unit
Min
Typ
Max
VLVD270_C
CC P HV supply low voltage
monitoring
Pre-trimming
2610
2760
2910
mV
Trimmed(3)
2710
2760
2800
mV
VLVD290_C/IJ/F/IF CC P HV supply low voltage
monitoring
Pre-trimming
2660
2820
2980
mV
Trimmed(3)
2890
2940
2990
mV
VLVD400_A/IM
CC P HV supply low voltage
monitoring
Untrimmed(3)
3990
4230
4470
mV
Trimmed(3)
4150
4230
4310
mV
VLVD108
CC P Core LV internal
supply low voltage
monitoring
—
1080
—
1170
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com