Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC572L60F2 Datasheet(PDF) 75 Page - STMicroelectronics

Part # SPC572L60F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L60F2 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button SPC572L60F2 Datasheet HTML 71Page - STMicroelectronics SPC572L60F2 Datasheet HTML 72Page - STMicroelectronics SPC572L60F2 Datasheet HTML 73Page - STMicroelectronics SPC572L60F2 Datasheet HTML 74Page - STMicroelectronics SPC572L60F2 Datasheet HTML 75Page - STMicroelectronics SPC572L60F2 Datasheet HTML 76Page - STMicroelectronics SPC572L60F2 Datasheet HTML 77Page - STMicroelectronics SPC572L60F2 Datasheet HTML 78Page - STMicroelectronics SPC572L60F2 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 112 page
background image
DocID027866 Rev 5
75/112
SPC572Lx
Electrical characteristics
111
Figure 25. Nexus TDI/TDIC, TMS/TMSC, TDO/TDOC timing
3.17.2
DSPI timing with CMOS and LVDS(a) pads
DSPI channel frequency support is shown in Table 40. Timing specifications are shown in
Table 41, Table 42 and Table 43.
a. DSPI in TSB mode with LVDS pads can be used to implement Micro Second Channel bus protocol.
TCK
11
12
15
TMS/TMSC,
TDO/TDOC
13
14
16
TDI/TDIC
Table 40. DSPI channel frequency support
DSPI use mode
Max usable
frequency (MHz)(1),(2)
CMOS (Master mode)
Full duplex – Classic timing (Table 41)17
Full duplex – Modified timing (Table 42)30
Output only mode (SCK/SOUT/PCS) (Table 41 and Table 42)30
Output only mode TSB mode (SCK/SOUT/PCS) (Table 44)30
LVDS (Master mode)
Output only mode TSB mode (SCK/SOUT/PCS) (Table 43)40
1. Maximum usable frequency can be achieved if used with fastest configuration of the highest drive pads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com