Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TV512 Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST25TV512
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV512 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST25TV512 Datasheet HTML 62Page - STMicroelectronics ST25TV512 Datasheet HTML 63Page - STMicroelectronics ST25TV512 Datasheet HTML 64Page - STMicroelectronics ST25TV512 Datasheet HTML 65Page - STMicroelectronics ST25TV512 Datasheet HTML 66Page - STMicroelectronics ST25TV512 Datasheet HTML 67Page - STMicroelectronics ST25TV512 Datasheet HTML 68Page - STMicroelectronics ST25TV512 Datasheet HTML 69Page - STMicroelectronics ST25TV512 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 90 page
background image
•
tSOF is the time required by the ST25TV02K/512 to transmit an SOF to the VCD
•
tNRT is the nominal response time of the ST25TV02K/512
tNRT and tSOF are dependent on the ST25TV02K/512-to-VCD data rate and subcarrier modulation
mode.
6.4.36
Initiate
On receiving the Initiate command, the ST25TV02K/512 set the internal Initiate_flag and sends back a response.
The command has to be issued in the Non Addressed mode only (Select_flag is reset to 0 and Address_flag is
reset to 0). If an error occurs, the ST25TV02K/512 do not generate any answer.
The Initiate_flag is reset after a power off of the ST25TV02K/512.
The request contains:
Table 137. Initiate request format
Request SOF
Request_flags
Initiate
IC Mfg code
CRC16 request
EOF
-
8 bits
D2h
02h
16 bits
-
Request parameters:
•
Request flags
•
Initiated command code
Table 138. Initiate response format when Error_flag is NOT set
Response SOF
Response_flags
DSFID
UID
CRC16 request
EOF
-
8 bits
8 bits
64 bits
16 bits
-
Response parameter:
•
DSFID
•
Unique ID
6.4.37
Inventory read
The Inventory read performs an inventory followed by a multiple block read.
If an error is detected, no matter if on the inventory or the read part, ST25TV02K/512 do not answer.
The request contains:
Table 139. Inventory read request format
Request
SOF
Request_flags
Inventory
Read
IC Mfg
code
AFI (1)
Mask
length
Mask
value
First
block
number
Number
of blocks
CRC16
request
EOF
-
8 bits
D3h
02h
8 bits
8 bits
0 -64 bits
8 bits
8 bits
16 bits
-
1. The field is optional.
Request parameters:
•
Request flags. (The Nb_slots flag (bit 6) of the Request flags bits 5 to 8 described in , must be set to 1 for 1
slot inventory. 16 slot inventory is not supported in the inventory read command.
•
Inventory read command code
•
AFI if the AFI flag is set
•
Mask length
•
Mask value
•
First block number
ST25TV02K ST25TV512
RF commands
DS12074 - Rev 11
page 66/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com