Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TV512 Datasheet(PDF) 75 Page - STMicroelectronics

Part # ST25TV512
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV512 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button ST25TV512 Datasheet HTML 71Page - STMicroelectronics ST25TV512 Datasheet HTML 72Page - STMicroelectronics ST25TV512 Datasheet HTML 73Page - STMicroelectronics ST25TV512 Datasheet HTML 74Page - STMicroelectronics ST25TV512 Datasheet HTML 75Page - STMicroelectronics ST25TV512 Datasheet HTML 76Page - STMicroelectronics ST25TV512 Datasheet HTML 77Page - STMicroelectronics ST25TV512 Datasheet HTML 78Page - STMicroelectronics ST25TV512 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 90 page
background image
Table 154. UFDFPN5 - Mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
0.500
0.550
0.600
0.0197
0.0217
0.0236
A1
0.000
-
0.050
0.0000
-
0.0020
b(2)
0.175
0.200
0.225
0.0069
0.0079
0.0089
D
1.600
1.700
1.800
0.0630
0.0669
0.0709
D1
1.400
1.500
1.600
0.0551
0.0591
0.0630
E
1.300
1.400
1.500
0.0512
0.0551
0.0591
E1
0.175
0.200
0.225
0.0069
0.0079
0.0089
X
-
0.200
-
-
0.0079
-
Y
-
0.200
-
-
0.0079
-
e
-
0.400
-
-
0.0157
-
L
0.500
0.550
0.600
0.0197
0.0217
0.0236
L1
-
0.100
-
-
0.0039
-
k
-
0.400
-
-
0.0157
-
1. Values in inches are converted from mm and rounded to four decimal digits.
2. Dimension b applies to plated terminal and is measured between 0.15 and 0.30mm from the terminal tip.
Figure 31. UFDFPN5 - Recommended footprint
1.600
0.200
0.200
0.200
0.200
0.400
0.600
0.400
Pin 1
Note:
Dimensions are expressed in millimeters.
ST25TV02K ST25TV512
UFDFPN5 (DFN5) package information
DS12074 - Rev 11
page 75/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com