Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TV512 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST25TV512
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV512 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST25TV512 Datasheet HTML 22Page - STMicroelectronics ST25TV512 Datasheet HTML 23Page - STMicroelectronics ST25TV512 Datasheet HTML 24Page - STMicroelectronics ST25TV512 Datasheet HTML 25Page - STMicroelectronics ST25TV512 Datasheet HTML 26Page - STMicroelectronics ST25TV512 Datasheet HTML 27Page - STMicroelectronics ST25TV512 Datasheet HTML 28Page - STMicroelectronics ST25TV512 Datasheet HTML 29Page - STMicroelectronics ST25TV512 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 90 page
background image
Each request and each response are contained in a frame. The frames are delimited by a Start of Frame (SOF)
and End of Frame (EOF).
The protocol is bit-oriented. The number of bits transmitted in a frame is a multiple of eight (8), that is an integer
number of bytes.
A single-byte field is transmitted least significant bit (LSBit) first. A multiple-byte field is transmitted least
significant byte (LSByte) first and each byte is transmitted least significant bit (LSBit) first.
Figure 8. ST25TV02K/512 protocol timing
Request
frame
Request
frame
Response
frame
Response
frame
VCD
ST25TV02K/512
Timing
t1
t2
t1
t2
6.2.2
ST25TV02K/512 states referring to protocol
The ST25TV02K/512 can be in one of four states:
•
Power-off
•
Ready
•
Quiet
•
Selected
Transitions between these states are specified in Figure 9. state transition diagram and Table 31. response
depending on Request_flags.
Power-off state
The ST25TV02K/512 are in the power-off state when it does not receive enough energy from the VCD.
Ready state
The ST25TV02K/512 are in the Ready state when it receives enough energy from the VCD. When in the Ready
state, the ST25TV02K/512 answer any request where the Select_flag is not set.
Quiet state
When in the Quiet state, the ST25TV02K/512 answer any request with the Address_flag set, except for Inventory
requests.
Selected state
In the Selected state, the ST25TV02K/512 answer any request in all modes (see Section 6.2.3 Modes):
•
Request in Select mode with the Select_flag set
•
Request in Addressed mode if the UID matches
•
Request in Non-Addressed mode as it is the mode for general requests
ST25TV02K ST25TV512
RF protocol description
DS12074 - Rev 11
page 26/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com