Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC58NH84C5 Datasheet(PDF) 139 Page - STMicroelectronics

Part # SPC58NH84C5
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH84C5 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button SPC58NH84C5 Datasheet HTML 135Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 136Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 137Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 138Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 139Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 140Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 141Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 142Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 147 page
background image
DS12304 Rev 5
139/147
SPC58EHx, SPC58NHx
Revision history
146
26-Mar-2019
3
(cont’d)
Chapter 1: Introduction
:
Section 1.3: Device feature summary
:
Table 2: Features list
:
– “HyperBus” removed
– Changed “Octal SPI” by “Octal SPI w/ HyperBus support”
– Other - SMPS deleted.
– Other - eMMC changed by SDMMC.
– Removed all table notes.
– Changed MCAN, I2C, OctalSPI description.
– Removed SIPI/LFAST, USB, HyperBus and SMPS features.
– Updated row headed User Flash.
– Updated row headed Security Flash.
– Updated row headed DSPI.
– Removed I2S feature.
Section 1.4: Block Diagram
:
Figure 1: Block Diagram
:
Updated this figure.
Figure 2: Periphery allocation
:
– Added I2C_2 and PLL_DIG_ETH, and removed CCCU and LFAST, on PBRIDGE_2
– Added I2C_1 and I2C_3, and removed SIPI_1 and LFAST_1, on PBRIDGE_1
– Added DSPI_LP, PCM_1, CAN_SUB_3_MESSAGE_RAM,
CAN_SUB_3_M_CAN_1, 2, 3, 4 and removed SIPI_0, on PBRIDGE_0
– Added CMU_18_ETH_50M_125M
Section 2.3: Features
:
– Flexible Power Supply options: sentence “Single internal SMPS regulator
(FPBGA302 and FPBGA386)” removed.
– Changed “eMMC 4.51 interface” by “SD3.01/SDIO3.0/MMC4.51”
– Eleven DSPI modules, one working even in low power mode.
– Sixteen MCAN.
– Removed RevMII.
– Added Turbo MII ("TMII" , overclocked MII @200Mbps)
– Removed Half-duplex operation details.
– Removed Standard IEEE 802.3az-2010 and 64-bit data transfer interface.
– Removed (64-bit timestamps...).
– Removed bullets about VLAN tags.
– Changed “Flexible...” to “Fixed address filtering modes:”.
– Removed some details of MAC Rx features bullet.
– Removed Transaction layer Tx/Rx features bullets.
– Removed some details of DMA block features bullet.
– Removed some details of Audio and video features bullet.
– Removed some Generic queuing features bullet.
– Removed USB 2.0 interface.
Table 78. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com