Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC58NH84C5 Datasheet(PDF) 142 Page - STMicroelectronics

Part # SPC58NH84C5
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH84C5 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button SPC58NH84C5 Datasheet HTML 138Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 139Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 140Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 141Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 142Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 143Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 144Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 145Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 147 page
background image
Revision history
SPC58EHx, SPC58NHx
142/147
DS12304 Rev 5
26-Mar-2019
3
(cont’d)
Table 31: External components integration
:
– Added option “External regulator”
– Removed option “Internal SMPS regulator” and relative table footnote.
– Added same table footnote to both options “Auxiliary regulator“ and “Clamp
regulator”.
Table 32: Linear regulator specifications
:
Removed subsection “SMPS regulator mode” and relative table footnotes.
Table 36: Voltage monitor electrical characteristics
:
Changed symbol “TVMFILTER” Max. value to 30 µs.
Section 4.15: Flash memory
:
Table 37: Wait State configuration
:
– For APC=001 changed the minimum frequency from 40 to 55 MHz and changed the
frequency range for RWSC = “4”
– For APC=000 and APC=100 changed the frequency range for RWSC = “0”, “1”, “2”,
“3” and “4”
Table 38: Flash memory program and erase specifications
: updated this table.
Section 4.16: AC Specifications
:
Section 4.16.1.2: Nexus interface timing
:
Table 41: Nexus debug port timing
: Updated Min Value for # = “9” with Characteristic =
“Absolute minimum ... posedge of TCK)” and “Absolute minimum ... negedge of TCK)”
Section 4.16.2: DSPI timing with CMOS pads
:
Table 43: DSPI channel frequency support
:
Added DSPI_8 and DSPI_9.
Section 4.16.3: Ethernet port timing
: Updated this section.
Table 53: RMII transmit signal timing
:
Changed Symbol R6 Max. value to 15.
Section 4.16.8: PSI5 timing
: added this section.
Section 4.16.9: OctoSPI timing
: added this section.
– Table 62: OctoSPI characteristics in SDR mode: Updated column headed
Conditions for Symbol = “F(QCK)”, “ts(IN)”, “th(IN)”, “tv(OUT)” and “th(OUT)”
– Updated Table 63: OctoSPI characteristics in DTR mode (with DQS)/Octal and
Hyperbus
Section 4.16.10: SDMMC timing
: added this section.
Chapter 4: Package information
:
Figure 44: eTQFP144 package outline
: updated this figure.
Figure 45: eTQFP144 section A-A
and Figure 46: eTQFP144 section B-B: added this
figures.
Table 64: Package case numbers
: removed Package references column.
Table 65: eTQFP144 package mechanical data
: updated this table.
Section 4.1: eTQFP144 package information
: added notes relative to above figures
and table.
Table 78. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com