Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC58NH84C5 Datasheet(PDF) 143 Page - STMicroelectronics

Part # SPC58NH84C5
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH84C5 Datasheet(HTML) 143 Page - STMicroelectronics

Back Button SPC58NH84C5 Datasheet HTML 139Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 140Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 141Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 142Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 143Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 144Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 145Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 146Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 147Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 143 / 147 page
background image
DS12304 Rev 5
143/147
SPC58EHx, SPC58NHx
Revision history
146
26-Mar-2019
3
(cont’d)
Figure 47: eTQFP144 leadframe pad design
: added this figure.
Table 66: eTQFP144 Symbol definitions
: added this table.
Figure 48: eLQFP176 package outline
: updated this figure.
Figure 49: eLQFP176 section A-A
and Figure 50: eLQFP176 section B-B: added this
figures.
Table 67: eLQFP176 package mechanical data
: updated this table.
Section 4.2: eLQFP176 package information
: added notes relative to above figures
and table.
Figure 51: eLQFP176 leadframe pad design
: added this figure.
Table 68: eLQFP176 Symbol definitions
: added this table.
Section 4.3: FPBGA302 package information
: added notes relative to Figure 52:
FPBGA302 package outline
and Table 69: FPBGA302 package mechanical data.
Figure 52: FPBGA302 package outline
: updated this figure.
Table 69: FPBGA302 package mechanical data
: updated this table.
Section 4.4: FPBGA386 package information
: added notes relative to Figure 53:
FPBGA386 package outline
and Table 70: FPBGA386 package mechanical data.
Figure 53: FPBGA386 package outline
: updated this figure.
Table 70: FPBGA386 package mechanical data
: updated this table.
Section 5.5: Package thermal characteristics
:
Table 70: Thermal characteristics for 144 exposed pad eTQFP package
:
– changed
RθJA and RθJB values.
– removed Symbol
RθJMA.
Table 71: Thermal characteristics for 176 exposed pad LQFP package
:
– changed
RθJA, RθJB and RθJCto values.
– removed Symbol
RθJMA.
Table 72: Thermal characteristics for 302-pin FPBGA
: changed
ThetaJ-A, ThetaJ-B,
ThetaJ-C and ΨJ-B values.
Table 73: Thermal characteristics for 386-pin FPBGA
: updated
ThetaJ-A, ThetaJ-B,
ThetaJ-C, ΨJ-B and ΨJ-C values.
Chapter 6: Ordering information
:
Figure 53: Ordering information scheme
:
– Updated Security codification.
– Updated to “16x ISO CAN FD” and removed “USB ulpi” from Custom version
codification.
– Updated value X for Packing R.
Removed Code Flash Options and RAM Options tables for the following table:
Table 74: Code Flash Options FOTA (KByte)
: added this table.
Table 75: Code Flash Options contiguous (KByte)
: added this table.
Table 77: RAM Options triple core (KByte)
: added this table.
Table 78: RAM Options dual core (KByte)
: added this table.
Table 78. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com