Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS1H100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS1H100
Description  100 V, 1 A power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1H100 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS1H100_V01 Datasheet HTML 1Page - STMicroelectronics STPS1H100_V01 Datasheet HTML 2Page - STMicroelectronics STPS1H100_V01 Datasheet HTML 3Page - STMicroelectronics STPS1H100_V01 Datasheet HTML 4Page - STMicroelectronics STPS1H100_V01 Datasheet HTML 5Page - STMicroelectronics STPS1H100_V01 Datasheet HTML 6Page - STMicroelectronics STPS1H100_V01 Datasheet HTML 7Page - STMicroelectronics STPS1H100_V01 Datasheet HTML 8Page - STMicroelectronics STPS1H100_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Features
•
Negligible switching losses
•
High junction temperature capability
•
Low leakage current
•
Good trade off between leakage current and forward voltage drop
•
Avalanche capability specified
•
ECOPACK2 halogen-free component
Description
Schottky rectifiers designed for high frequency miniature switched mode power
supplies such as adaptors and on board DC/DC converters.
Packaged in SMA, SMA Flat, SMA Flat Notch,or SMB, this diode is ideal for use in
lighting and telecom power applications.
Product status
STPS1H100
Product summary
Symbol
Value
IF(AV)
1 A
VRRM
100 V
T j(max.)
175 °C
VF(max.)
0.62 V
100 V, 1 A power Schottky rectifier
STPS1H100
Datasheet
DS1228 - Rev 8 - October 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS1H100_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1H100-Y STMICROELECTRONICS-STPS1H100-Y Datasheet
118Kb / 9P
Automotive high voltage power Schottky rectifier
03-Dec-2010
STPS1H100-Y STMICROELECTRONICS-STPS1H100-Y Datasheet
253Kb / 11P
Automotive high voltage power Schottky rectifier
10-Apr-2018
STPS1H100-Y STMICROELECTRONICS-STPS1H100-Y_V01 Datasheet
253Kb / 11P
Automotive high voltage power Schottky rectifier
10-Apr-2018
STPS1H100A STMICROELECTRONICS-STPS1H100A Datasheet
76Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1H100A STMICROELECTRONICS-STPS1H100A Datasheet
71Kb / 7P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
August 2004 REV. 5
More results

Similar Description - STPS1H100_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS30M100ST STMICROELECTRONICS-STPS30M100ST Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS5H100UFN STMICROELECTRONICS-STPS5H100UFN Datasheet
171Kb / 8P
5 A - 100 V power Schottky rectifier
Rev 1 - January 2020
STPS2H100 STMICROELECTRONICS-STPS2H100_V01 Datasheet
410Kb / 19P
100 V, 2 A power Schottky rectifier
October 2019
STPS20M100S STMICROELECTRONICS-STPS20M100S_V01 Datasheet
369Kb / 15P
100 V, 20 A power Schottky rectifier
Rev 5 - February 2019
STPS30SM100S STMICROELECTRONICS-STPS30SM100S_V01 Datasheet
335Kb / 14P
100 V, 30 A power Schottky rectifier
Rev 7 - February 2019
STPST1H100-Y STMICROELECTRONICS-STPST1H100-Y Datasheet
447Kb / 12P
Automotive 100 V - 1 A power Schottky trench rectifier
16-Dec-2022
STPST1H100 STMICROELECTRONICS-STPST1H100 Datasheet
443Kb / 12P
100 V - 1 A power Schottky trench rectifier
02-Jan-2023
logo
Nexperia B.V. All right...
PMEG100T10ELXD-Q NEXPERIA-PMEG100T10ELXD-Q Datasheet
255Kb / 13P
100 V, 1 A Trench Schottky barrier rectifier
1 April 2022
PMEG100T10ELXD NEXPERIA-PMEG100T10ELXD Datasheet
255Kb / 13P
100 V, 1 A Trench Schottky barrier rectifier
1 April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com