Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS1H100 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS1H100
Description  100 V, 1 A power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1H100 Datasheet(HTML) 3 Page - STMicroelectronics

  STPS1H100_V01 Datasheet HTML 1Page - STMicroelectronics STPS1H100_V01 Datasheet HTML 2Page - STMicroelectronics STPS1H100_V01 Datasheet HTML 3Page - STMicroelectronics STPS1H100_V01 Datasheet HTML 4Page - STMicroelectronics STPS1H100_V01 Datasheet HTML 5Page - STMicroelectronics STPS1H100_V01 Datasheet HTML 6Page - STMicroelectronics STPS1H100_V01 Datasheet HTML 7Page - STMicroelectronics STPS1H100_V01 Datasheet HTML 8Page - STMicroelectronics STPS1H100_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
1.1
Characteristics (curves)
Figure 1. Average forward power dissipation versus
average forward current
P
(W)
F(AV)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
T
=tp/T
tp
I
(A)
F(AV)
= 1
= 0.1
= 0.05
= 0.5
= 0.2
δ
δ
δ
δ
δ
δ
Figure 2. Average forward current versus ambient
temperature (δ = 0.5)
I
(A)
F(AV)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
5 0
7 5
100
125
150
175
Rth(j-a)=Rth(j-l)
T
δ=tp/T
tp
Rth(j-a)=100°C/W
Rth(j-a)=120°C/W
SMA
SMB / SMA Flat
Rth(j-a)=200°C/W
T
(°C)
amb
Figure 3. Normalized avalanche power derating versus
junction temperature (Tj = 125 °C)
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
Figure 4. Junction capacitance versus reverse voltage
applied (maximum values)
C(pF)
10
100
1
1 0
100
F=1 MHz
VOSC=30 mVRMS
Tj=25 °C
V (V)
R
Figure 5. Relative variation of thermal impedance junction
to ambient versus pulse duration
Z
/ R
th(j-a)
th(j-a)
0.01
0.10
1.00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Single pulse
SMB
t (s)
p
Figure 6. Relative variation of thermal impedance junction
to ambient versus pulse duration
Z
/ R
th(j-a)
th(j-a)
0.01
0.10
1.00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Single pulse
SMA
t (s)
p
STPS1H100
Characteristics (curves)
DS1228 - Rev 8
page 3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com