Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS1H100 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS1H100
Description  100 V, 1 A power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1H100 Datasheet(HTML) 2 Page - STMicroelectronics

  STPS1H100_V01 Datasheet HTML 1Page - STMicroelectronics STPS1H100_V01 Datasheet HTML 2Page - STMicroelectronics STPS1H100_V01 Datasheet HTML 3Page - STMicroelectronics STPS1H100_V01 Datasheet HTML 4Page - STMicroelectronics STPS1H100_V01 Datasheet HTML 5Page - STMicroelectronics STPS1H100_V01 Datasheet HTML 6Page - STMicroelectronics STPS1H100_V01 Datasheet HTML 7Page - STMicroelectronics STPS1H100_V01 Datasheet HTML 8Page - STMicroelectronics STPS1H100_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1
Characteristics
Table 1. Absolute ratings (limiting values at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(RMS)
Forward rms current
10
A
IF(AV)
Average forward current, δ = 0.5
SMA
TL = 150 °C
1
A
SMB, SMA Flat
TL = 155 °C
SMA Flat Notch
TL = 160 °C
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
50
A
PARM
Repetitive peak avalanche power
tp = 10 µs, Tj = 125 °C
108
W
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature(1)
+175
°C
1. (dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 2. Thermal parameters
Symbol
Parameter
Max. value
Unit
Rth(j-l)
Junction to lead
SMA
30
°C/W
SMB
25
SMA Flat, SMA Flat Notch
20
Table 3. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
4
µA
Tj = 125 °C
-
0.2
0.5
mA
VF(2)
Forward voltage drop
Tj = 25 °C
IF = 1 A
-
0.77
V
Tj = 125 °C
-
0.58
0.62
Tj = 25 °C
IF = 2 A
-
0.86
Tj = 125 °C
-
0.65
0.70
1. Pulse test: tp = 5 ms, δ < 2%
2. Pulse test: tp = 380 µs, δ < 2%
To evaluate the conduction losses, use the following equation:
P = 0.54 x IF(AV) + 0.08 x IF2(RMS)
STPS1H100
Characteristics
DS1228 - Rev 8
page 2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com