Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2-LP Datasheet(PDF) 1 Page - STMicroelectronics

Part # S2-LP
Description  Sub-1 GHz 868 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 1 Page - STMicroelectronics

  S2-LP Datasheet HTML 1Page - STMicroelectronics S2-LP Datasheet HTML 2Page - STMicroelectronics S2-LP Datasheet HTML 3Page - STMicroelectronics S2-LP Datasheet HTML 4Page - STMicroelectronics S2-LP Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
•
Based on S2-LP radio
•
S2-LP narrow band ultra-low power sub-1 GHz transceiver tuned for 860 - 940
MHz frequency band
•
Programmable RF output power up to +16 dBm
•
Modulation schemes: 2-FSK, 2-GFSK, 4-FSK, 4-GFSK, OOK and ASK
•
Air data rate from 0.1 to 500 kbps
•
Ultra-low power consumption: 7 mA RX and 10 mA TX at +10 dBm
•
IEEE 802.15.4g hardware packet support with whitening, FEC, CRC and dual
SYNC word detection
•
RX and TX 128 byte FIFO buffers
•
Support to wireless M-Bus
•
Excellent performance of receiver sensitivity (up to -130 dBm)
•
Automatic acknowledgement, retransmission and timeout protocol engine
•
Compatible with STM32 Nucleo boards
•
Compatible with Arduino UNO R3 connectors
•
BALF-SPI2-01D3 IPD balun for matching network and harmonics filter
•
Sigfox compatible
•
Sample firmware for P2P communication
•
6LoWPAN compatible thanks to STM32Cube
•
RoHS and WEEE compliant
Description
The X-NUCLEO-S2868A2 expansion board is based on the S2-LP ultra-low power
RF transceiver and operates in the 868 MHz ISM frequency band.
The X-NUCLEO-S2868A2 interfaces with the STM32 Nucleo microcontroller via SPI
connections and GPIO pins. You can change some of the GPIOs by mounting or
removing the resistors.
The expansion board is compatible with ST morpho and Arduino UNO R3
connectors.
Product summary
Sub-1 GHz RF
expansion board based
on S2-LP radio for
STM32 Nucleo
X-NUCLEO-
S2868A2
Ultra-low power, high
performance, sub-1 GHz
transceiver
S2-LP
50 Ω nominal input/
conjugate match balun to
S2-LP, 868-930 MHz
with integrated harmonic
filter
BALF-
SPI2-01D3
Applications
ISM Radio
SubGHz
Sigfox
Sub-1 GHz 868 MHz RF expansion board based on S2-LP radio for
STM32 Nucleo
X-NUCLEO-S2868A2
Data brief
DB4048 - Rev 1 - December 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - S2-LP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
S2-LP STMICROELECTRONICS-S2-LP Datasheet
3Mb / 90P
Excellent receiver selectivity and blocking
08-Nov-2016
S2-LP STMICROELECTRONICS-S2-LP Datasheet
176Kb / 5P
Sub-1 GHz 915 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
November 2019
S2-LPQTR STMICROELECTRONICS-S2-LPQTR Datasheet
3Mb / 90P
Excellent receiver selectivity and blocking
08-Nov-2016
S2-LPS STMICROELECTRONICS-S2-LPS Datasheet
1Mb / 73P
Ultra-low power, high performance, sub-1 GHz transceiver
Rev 1 - February 2022
S2-LPSCBQTR STMICROELECTRONICS-S2-LPSCBQTR Datasheet
1Mb / 73P
Ultra-low power, high performance, sub-1 GHz transceiver
Rev 1 - February 2022
More results

Similar Description - S2-LP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1872 STMICROELECTRONICS-UM1872 Datasheet
615Kb / 21P
Getting started with the Sub-1 GHz expansion board based on SPSGRF-868 and SPSGRF-915 modules for STM32 Nucleo
23-Jun-2015
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
X-NUCLEO-CCA01M1 STMICROELECTRONICS-X-NUCLEO-CCA01M1 Datasheet
386Kb / 5P
Sound terminal expansion board based on STA350BW for STM32 Nucleo
17-Nov-2015
X-NUCLEO-IDW04A1 STMICROELECTRONICS-X-NUCLEO-IDW04A1 Datasheet
401Kb / 7P
Wi-Fi expansion board based on SPWF04SA module for STM32 Nucleo
29-May-2017
X-NUCLEO-AMICAM1 STMICROELECTRONICS-X-NUCLEO-AMICAM1 Datasheet
1Mb / 7P
Analog MEMS microphone expansion board based on MP23ABS1 for STM32 Nucleo
09-Dec-2019
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-IHM14A1 STMICROELECTRONICS-X-NUCLEO-IHM14A1 Datasheet
367Kb / 4P
Stepper motor driver expansion board based on STSPIN820 for STM32 Nucleo
October 2017
X-NUCLEO-OUT02A1 STMICROELECTRONICS-X-NUCLEO-OUT02A1 Datasheet
575Kb / 4P
Industrial digital output expansion board based on ISO8200AQ for STM32 Nucleo
November 2018
X-NUCLEO-S2915A1 STMICROELECTRONICS-X-NUCLEO-S2915A1 Datasheet
176Kb / 5P
Sub-1 GHz 915 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
November 2019
X-NUCLEO-OUT15A1 STMICROELECTRONICS-X-NUCLEO-OUT15A1 Datasheet
6Mb / 6P
Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
16-Jun-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com