Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2-LP Datasheet(PDF) 3 Page - STMicroelectronics

Part # S2-LP
Description  Sub-1 GHz 868 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 3 Page - STMicroelectronics

  S2-LP Datasheet HTML 1Page - STMicroelectronics S2-LP Datasheet HTML 2Page - STMicroelectronics S2-LP Datasheet HTML 3Page - STMicroelectronics S2-LP Datasheet HTML 4Page - STMicroelectronics S2-LP Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Figure 3. X-NUCLEO-S2868A2 circuit schematic - ST morpho connectors
13
15
RESET
+3V3
25
27
ST morpho DX connector
Pass-Through: Female on
Bottom and Male on Top
Pass-Through: Female on
Bottom and Male on Top
PC9
BOOT0
22
PD8
11
13
36
38
IOREF
17
19
PA13
PA6
PA7
AGND
PC10
PA15
31
24
26
PC2
PC3
37
11
2
4
6
8
10
21
E5V
PA14
PB0
PC1
26
28
PB15
PC12
PB10
2
30
27
29
PB13
12
14
CN7
PC0
PC5
PC15
PA3
PB14
PA8
33
PA10
PH1/PF1/PD1
PA12
35
1
3
5
7
9
34
NC/PF7
32
PC11
PD2
1
3
5
7
9
PH0/PF0/PD0
PA2
PA4
PA9
2
4
6
8
10
PC14
16
PA11
30
32
35
34
PB4
PB1
9
18
PC7
12
14
PC6
PB12
23
PA5
33
36
38
28
19
PB5
17
1
20
PB8
PC13
U5V
VIN
PB6
16
PC4
NC/PF6
PB2
NC/PF4
25
18
PB9
AVDD
3
37
CN10
21
23
22
24
PB3
PB7
15
PA0
PA1
+5V
NC/PF5
PC8
VLCD/VBAT
PB11/NC
VDD
20
ST morpho SX connector
X-NUCLEO-S2868A2
Schematic diagrams
DB4048 - Rev 1
page 3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com