Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2-LP Datasheet(PDF) 2 Page - STMicroelectronics

Part # S2-LP
Description  Sub-1 GHz 868 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 2 Page - STMicroelectronics

  S2-LP Datasheet HTML 1Page - STMicroelectronics S2-LP Datasheet HTML 2Page - STMicroelectronics S2-LP Datasheet HTML 3Page - STMicroelectronics S2-LP Datasheet HTML 4Page - STMicroelectronics S2-LP Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1
Schematic diagrams
Figure 1. X-NUCLEO-S2868A2 circuit schematic
LL__1100U
U__00880055
R
R__110000kk__004400
1100uuF
F
TX
VDDANASYNTH
SDA
S
ST
TS
SA
AF
FE
E--A
A110000
C
C__115500nn__00440022
1100R
R
C
C11
LL1122
N
NM
M
C2
ANT
B2
1100ppF
F
7
SCL
N
NM
M
LL1111
1. 4 V t o 1. 8 V max
VRSYNTH
VDDSMPS
2
SDI
18
SDI
17
C
C3322
nS
1
R
R__110000kk__00440022
1
RESET
LL33
OUT
R
R3366
C
C__115500nn__00440022
C
C3344
C
CR
RY
YS
ST
TA
ALL__N
NX
X11661122S
SA
A
C
C__44..77U
U__00660033
VDDVCOTX
+3V3
SDO
C1
RX_N
C
C__110000pp__00440022
C
C22
VDD
S
S22--LLP
P
SDO
1
VDD
NC
8
RX_P
A1
C
C__11uu__00660033
A
AM
M1111D
DG
G--S
ST
T0011
C
C__110000pp__00440022
VDDSMPS
R
R3377
00R
R
110000ppF
F
VSMPS2
C
C55
C
C4422
C
C2222
B1
R
R3355
IN
LL__1122nnH
H__00660033
4
GND
NC
3
C
C1100
C
C1122
VRSYNTH
R
R3388
VCC
2
D
5
NM
OUT
IN
JJ11
N
NM
M
C
C1177
SDN
C
C99
A2
4
C
C__115500nn__00440022
22..22K
K
3
C
C1188
R
R__110000kk__00440022
U
U44
C
C3366
VDDRXDIG
22..22K
K
C
C__115500nn__00440022
R
R33
C
C__110000pp__00440022
R
R22
C
C__110000pp__00440022
C
C1166
NM
nW
3
110000ppF
F
RXN
13
R
R11
U
U22
22..77ppF
F,,00440022
C
C__1122ppF
F__00660033
U
U33
SMPS1
3
2
VCC
8
Y
Y11
C
C3300
110000nnF
F
C
C1133
NC
6
4
VSS
14
15
S
SM
MA
A A
AN
NT
TE
EN
NN
NA
A
M
M9955664400
7
C
C2255
+3V3
+3V3
C
C44
C
C88
44..77nnH
H
RXP
SDN
6
C
C__115500nn__00440022
SCLK
VSMPS2
nS
VDD
1
LL88
C
C__110000nn__00440022
C
C__447700pp__00440022
SCL
SCLK
+3V3
VDDRXDIG
SDO
Q
2
+3V3
22..22K
K
nHOLD
C
6
C
C4411
VDDRXDIG
SDA
C
C__115500nn__00440022
GND1
XOUT
5
XIN
N
NM
M
LL1133
C
C3355
E
E11
LL77
C
C__115500nn__00440022
R
R2244
LL__3399nnH
H__00440022
SDI
C
C66
5
16
SCLK
U
U11
VDDANASYNTH
VDD
VDDSMPS
SMPS2
4
LL22
GND2
C
C1144
B
BA
ALLF
F--S
SP
PII22--0011D
D33
Figure 2. X-NUCLEO-S2868A2 circuit schematic - Arduino connectors
R
R1100
R
R1111
SDA
4
3V3
GPIO3
SDN
+5V
D8
and Female on
C
CN
N55
R
R1166
A0
1
D4
5
10
D6
7
1
GPIO0
SCL
5V
5
00
R
R1155
nS
00
1
SCL
TXD/D1
PWM/D9
3
1
JJP
P11
PA3
R
R2233
N
NM
M
6
GND
A3
4
CSN
Top
8 Pass-Through:
Male on Bottom
00
AREF
9
SDA
R
R1133
PWM/D10
4
RXD/D0
2
00
PA2
R
R55
D7
8
PC7
nS
R
R66
R
R1122
A4
5
R
R44
SDI
8
+3V3
LLE
ED
D
SCLK
R
R1188
N
NM
M
SDO
GPIO0
PC7
RESET
N
NM
M
C
CN
N88
6 Pass-Through:
Male on Bottom
Top
and Female on
Pass-Through:
Male on Bottom
Top
and Female on
Pass-Through:
Male on Bottom
Top
and Female on
NC
1
A5
6
C
CN
N66
7
GND
D3
4
VIN
8
N
NM
M
R
R1177
D5
6
MISO/D12
6
CSN
00
IOREF
R
R99
R
R2222
VDD
MOSI/PWM/D11
5
N
NM
M
2
00
RESET
2
GPIO1
R
R1144
00
SCK/D13
7
GND
N
NM
M
R
R1199
00
SDN
A2
3
R
R77
C
CN
N99
SCLK
VIN
JJU
UM
MP
PE
ER
R
D2
3
3
2
333300
D
D11
GPIO2
AVDD
IOREF
00
A1
2
00
Arduino UNO R3 SX connector
Arduino UNO R3 DX connector
X-NUCLEO-S2868A2
Schematic diagrams
DB4048 - Rev 1
page 2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com