Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5212 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC5212
Description  Dual 500 mA LDO Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5212 Datasheet(HTML) 3 Page - Microchip Technology

  MIC5212 Datasheet HTML 1Page - Microchip Technology MIC5212 Datasheet HTML 2Page - Microchip Technology MIC5212 Datasheet HTML 3Page - Microchip Technology MIC5212 Datasheet HTML 4Page - Microchip Technology MIC5212 Datasheet HTML 5Page - Microchip Technology MIC5212 Datasheet HTML 6Page - Microchip Technology MIC5212 Datasheet HTML 7Page - Microchip Technology MIC5212 Datasheet HTML 8Page - Microchip Technology MIC5212 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005774B-page 3
MIC5212
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Input Voltage, (VIN A or B)............................................................................................................... –20V to +20V
Power Dissipation ................................................................................................................................. Internally Limited
Operating Ratings ††
Supply Input Voltage, (VIN ) ....................................................................................................................... +2.5V to +16V
† Notice: Exceeding the absolute maximum rating may damage the device.
†† Notice: The device is not guaranteed to function outside its operating rating.
DC CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, Regulator A and B VIN = VOUT + 1V; IL = 100 μA;
CL = 4.7 μF; TJ = +25°C, bold values indicate –40°C ≤ TJ ≤ +125°C.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Output Voltage Accuracy
VO
–1
—
1
%
Variation from specified
VOUT
–2
—
2
%
Output Voltage
Temperature Coefficient
ΔVO/ΔT
—
40
—
ppm/°C
Note 1
Line Regulation
ΔVO/VO
—
0.009
0.05
%/V
VIN = VOUT + 1V to 16V
—
—
0.1
%/V
Load Regulation
ΔVO/VO
—
0.05
0.7
%
IL = 0.1 mA to 500 mA,
Note 2
—
—
1
%
Dropout Voltage,
Note 3
(per regulator)
VIN – VO
—
175
275
mV
IL = 150 mA
—
—
350
mV
—
350
500
mV
IL = 150 mA
—
—
600
mV
Ground Pin Current,
Note 4
(per regulator)
IGND
—
1.5
2.5
mA
IL = 150 mA
—
—
3.0
mA
—
12
20
mA
IL = 150 mA
—
—
25
mA
Ripple Rejection
PSRR
—
75
—
dB
f = 120 Hz, IL = 150 mA
Current Limit
ILIMIT
—
750
1000
mA
VOUT = 0V
Spectral Noise Density
—
—
500
—
nV/√Hz
VOUT = 2.5V, IOUT = 50 mA,
COUT = 2.2 μF
Note 1: Output voltage temperature coefficient is defined as the worst case voltage change divided by the total
temperature range.
2: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are
tested for load regulation in the load range from 0.1 mA to 500 mA. Changes in output voltage due to
heating effects are covered by the thermal regulation specification.
3: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
nominal value measured at 1V differential.
4: Ground pin current is the regulator quiescent current plus pass transistor base current. The total current
drawn from the supply is the sum of the load current plus the ground pin current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com