Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5212 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC5212
Description  Dual 500 mA LDO Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5212 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC5212 Datasheet HTML 2Page - Microchip Technology MIC5212 Datasheet HTML 3Page - Microchip Technology MIC5212 Datasheet HTML 4Page - Microchip Technology MIC5212 Datasheet HTML 5Page - Microchip Technology MIC5212 Datasheet HTML 6Page - Microchip Technology MIC5212 Datasheet HTML 7Page - Microchip Technology MIC5212 Datasheet HTML 8Page - Microchip Technology MIC5212 Datasheet HTML 9Page - Microchip Technology MIC5212 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MIC5212
DS20005774B-page 6
2017 - 2022 Microchip Technology Inc. and its subsidiaries
FIGURE 2-7:
Output Voltage vs.
Temperature.
FIGURE 2-8:
Dropout Voltage vs.
Temperature.
FIGURE 2-9:
Dropout Voltage vs. Load
Current.
.
FIGURE 2-10:
Ground Current vs. Load
Current.
FIGURE 2-11:
Output 1 Load Transient
Response.
FIGURE 2-12:
Output 2 Load Transient
Response.
3.275
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
3.320
-40 -20 0
20406080 100 120
TEMPERATURE (
°C)
0
50
100
150
200
250
300
350
400
450
500
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
500mA
150mA
300mA
0
50
100
150
200
250
300
350
OUTPUT CURRENT (mA)
0
2
4
6
8
10
12
14
0
100
200
300
400
500
OUTPUT CURRENT (mA)
TIME (1ms/div.)
V
IN = 3.3V
V
OUT = 2.5V
C
OUT = 10 F Ceramic
1000mA
10mA
500mA
10mA
TIME (1ms/div.)
V
IN = 3.3V
V
OUT = 2.5V
C
OUT = 10 F Ceramic
1000mA
10mA
500mA
10mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com