Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5212 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC5212
Description  Dual 500 mA LDO Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5212 Datasheet(HTML) 1 Page - Microchip Technology

  MIC5212 Datasheet HTML 1Page - Microchip Technology MIC5212 Datasheet HTML 2Page - Microchip Technology MIC5212 Datasheet HTML 3Page - Microchip Technology MIC5212 Datasheet HTML 4Page - Microchip Technology MIC5212 Datasheet HTML 5Page - Microchip Technology MIC5212 Datasheet HTML 6Page - Microchip Technology MIC5212 Datasheet HTML 7Page - Microchip Technology MIC5212 Datasheet HTML 8Page - Microchip Technology MIC5212 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005774B-page 1
MIC5212
Features
• Fused-Lead Frame SOIC-8
• Up to 500 mA per Regulator Output
• Low Quiescent Current
• Low Dropout Voltage
• Tight Load and Line Regulation
• Low Temperature Coefficient
• Current and Thermal Limiting
• Reversed Input Polarity Protection
Applications
• Hard Disk Drives
• CD R/W
• Barcode Scanners
• SMPS Post Regulator and DC/DC Modules
• High-Efficiency Linear Power Supplies
General Description
The MIC5212 is a dual linear voltage regulator with
very low dropout voltage (typically 10 mV at light loads
and 350 mV at 500 mA), very low ground current
(225 μA at 10 mA output), and better than 1% initial
accuracy.
Both regulator outputs can supply up to 500 mA at the
same time as long as each regulator’s maximum
junction temperature is not exceeded.
Key features include current limiting, overtemperature
shutdown, and protection against reversed battery.
The MIC5212 is available in a fixed 3.3V/2.5V output
voltage configuration. Other voltages are available;
contact Microchip for details.
Package Type
MIC5212
SOIC-8 (M)
(Top View)
Dual 500 mA LDO Regulator


Similar Part No. - MIC5212

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5212 MICREL-MIC5212 Datasheet
171Kb / 9P
Dual 500mA LDO Regulator
MIC5212-SJBM MICREL-MIC5212-SJBM Datasheet
171Kb / 9P
Dual 500mA LDO Regulator
More results

Similar Description - MIC5212

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9184 RICHTEK-RT9184 Datasheet
186Kb / 10P
500 MA DUAL LDO REGULATOR
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
Micropower 500-mA CMOS LDO Regulator
06-May-02
logo
Microchip Technology
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
500 mA Synchronous Buck Regulator, 300 mA LDO
2005
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
500 mA Synchronous Buck Regulator, 300 mA LDO
2009
logo
ON Semiconductor
CAT6219 ONSEMI-CAT6219 Datasheet
179Kb / 9P
500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
CAT6219-ADJTDGT3 ONSEMI-CAT6219-ADJTDGT3 Datasheet
185Kb / 11P
500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
500 mA LDO Linear Regulator
logo
Microchip Technology
MIC5209 MICROCHIP-MIC5209 Datasheet
2Mb / 30P
500 mA Low-Noise LDO Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com