Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSMCS22 Datasheet(PDF) 7 Page - Schurter Inc.

Part # MSMCS22
Description  Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSMCS22 Datasheet(HTML) 7 Page - Schurter Inc.

  MSMCS22_V02 Datasheet HTML 1Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 2Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 3Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 4Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 5Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 6Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 7Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 8Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 9Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Metal Line Switches
MSM CS 22
https://www.schurter.com /PG70
Switches
Lettering Colour of Laser Lettering
Material
Lettering Colour
Ceramic
black
Filled letters
Order Index Lettering
Laser Marking
001 =
A
021 =
U
041 =
÷
061 =
EIN
002 =
B
022 =
V
042 =
✳
062 =
AUS
003 =
C
023 =
W
043 =
=
063 =
AUF
004 =
D
024 =
X
044 = #
064 =
AB
005 =
E
025 =
Y
045 =
↔
065 =
ON
006 =
F
026 =
Z
046 =
↕
066 =
OFF
007 =
G
027 =
0
047 =
→
067 =
UP
008 =
H
028 =
1
048 =
←
068 =
DOWN
009 =
I
029 =
2
049 =
↓
069 =
HIGH
010 =
J
030 =
3
050 =
↑
070 =
LOW
011 =
K
031 =
4
051 = %
071 =
ON/OFF
012 =
L
032 =
5
052 =
√
072 =
START
013 =
M
033 =
6
053 =
CTRL
073 =
RESET
014 =
N
034 =
7
054 =
RETURN
074 =
015 =
O
035 =
8
055 =
SHIFT
075 =
016 =
P
036 =
9
056 =
LOCK
076 =
017 =
Q
037 =
+
057 =
STOP
077 =
018 =
R
038 =
-
058 =
ENTER
019 =
S
039 =
.
059 =
BACK
020 =
T
040 = x
060 =
LINE
Please note that the font size depends on the number of characters
All Variants
Diameter
Switching
Current
Switching Voltage Illumination, LED
Housing Ma-
terial
Torsion Protection
Housing/Actuator
Config. Code
Order Number
[mm]
[A]
[VAC/ VDC]
22
0.1
30 VDC
non-illuminated
Stainless
Steel
no / yes
MSM 22 CS Pcs
1241.7031.1110000
22
5 / 3
125/250 VAC
non-illuminated
Stainless
Steel
no / yes
MSM 22 CS Pcs
1241.7031.1120000
22
10
250 VAC
non-illuminated
Stainless
Steel
no / yes
MSM 22 CS Pcs
1241.7031.1130000
22
5 / 3
125/250 VAC
non-illuminated
Stainless
Steel
yes / yes
MSM 22 CS LE
1241.7032.1120000
22
0.1
30 VDC
Backlighted, red, 24 VDC
Stainless
Steel
yes / yes
MSM 22 CS BL red
1241.8484
█
22
0.1
30 VDC
Backlighted, green, 24 VDC
Stainless
Steel
yes / yes
MSM 22 CS BL green
1241.8485
█
22
0.1
30 VDC
Backlighted, blue, 24 VDC
Stainless
Steel
yes / yes
MSM 22 CS BL blue
1241.8487
█
22
0.1
30 VDC
Backlighted, white, 24 VDC
Stainless
Steel
yes / yes
MSM 22 CS BL white
1241.8488
█
22
10
250 VAC
Backlighted, red, 24 VDC
Stainless
Steel
yes / yes
MSM 22 CS BL red
1241.8520
█
22
10
250 VAC
Backlighted, green, 24 VDC
Stainless
Steel
yes / yes
MSM 22 CS BL green
1241.8521
█
22
10
250 VAC
Backlighted, blue, 24 VDC
Stainless
Steel
yes / yes
MSM 22 CS BL blue
1241.8523
█
22
10
250 VAC
Backlighted, white, 24 VDC
Stainless
Steel
yes / yes
MSM 22 CS BL white
1241.8524
█
22
0.1
30 VDC
Backlighted, RGB, 24 VDC
Stainless
Steel
yes / yes
MSM 22 CS BL RGB
3-102-774
█
22
5 / 3
125/250 VAC
Backlighted, RGB, 24 VDC
Stainless
Steel
yes / yes
MSM 22 CS BL RGB
3-102-775
█



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com