Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSMCS22 Datasheet(PDF) 1 Page - Schurter Inc.

Part # MSMCS22
Description  Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSMCS22 Datasheet(HTML) 1 Page - Schurter Inc.

  MSMCS22_V02 Datasheet HTML 1Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 2Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 3Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 4Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 5Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 6Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 7Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 8Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 9Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Metal Line Switches
MSM CS 22
https://www.schurter.com /PG70
Switches
Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
See below:
Approvals and Compliances
Description
- Momentary action switch available in version: Standard (ST), with Let-
tering (LE), with Backlighting (BL)
- Single color or RGB illumination
- Choice from 7 colors for RGB variants Assembly method: clip micro-
switch into the saddle, secure switch using mounting nut
- Equipped with flat-pin plugs to permit fast connection
Unique Selling Proposition
- Attractive tactile feedback
- High quality materials
- Long life span
- Single color or homogeneous multicolor illumination
Characteristics
- Housing material: high-quality stainless steel, actuator material: highly
durable ceramic
- Variety of design options regarding size, colour, illumination, connec-
tion or lettering
- Switching voltage from 30 VDC to 250 VAC, switching current from 0.1
A to 10 A
- Backlighting optional, this means the complete actuator surface is fully
illuminated
- IP-Protection: IP65 from front side to contact area, Micro-Switch is
available in versions IP40 or IP67, moving actuator is rated IP40 to
frontside
- For use in harsh environments (see technical data)
References
Alternative: double-pole switch
Alternative: switch with latching function: MSM LA CS 22
Alternative: Other diameter
Alternative: switch with ring illumination: MSM LA 22; MSM 22
Alternative: Standard version
Weblinks
pdf data sheet, html datasheet, General Product Information, CAD-
Drawings, Product News, Detailed request for product, Video


Similar Part No. - MSMCS22_V02

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSMCS22 SCHURTER-MSMCS22_18 Datasheet
825Kb / 9P
Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
More results

Similar Description - MSMCS22_V02

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSMLACS22 SCHURTER-MSMLACS22 Datasheet
748Kb / 6P
Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSM-CS-19 SCHURTER-MSM-CS-19 Datasheet
603Kb / 7P
Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
MSMCS22 SCHURTER-MSMCS22 Datasheet
590Kb / 7P
Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
MSMLA19 SCHURTER-MSMLA19 Datasheet
921Kb / 6P
Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA22 SCHURTER-MSMLA22 Datasheet
1,005Kb / 7P
Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22_16 Datasheet
761Kb / 7P
Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMCS22 SCHURTER-MSMCS22_18 Datasheet
825Kb / 9P
Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
MSMLA19 SCHURTER-MSMLA19_18 Datasheet
983Kb / 7P
Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMCS19 SCHURTER-MSMCS19 Datasheet
803Kb / 8P
Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
MSMLA22 SCHURTER-MSMLA22_V02 Datasheet
1,019Kb / 8P
Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com