Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSMCS22 Datasheet(PDF) 2 Page - Schurter Inc.

Part # MSMCS22
Description  Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSMCS22 Datasheet(HTML) 2 Page - Schurter Inc.

  MSMCS22_V02 Datasheet HTML 1Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 2Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 3Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 4Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 5Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 6Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 7Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 8Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 9Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Metal Line Switches
MSM CS 22
https://www.schurter.com /PG70
Switches
Technical Data
Electrical Data
Switching Function
momentary
Number of Poles
SPDT
Supply Voltage
24 VDC Illumination area
Micro Switch 5 A / 125 VAC or 3 A / 250 VAC, IP40
Contact Material
Ag
Switching Voltage
max. 125/250 VAC
Switching Current
max. 5 / 3 A
Rated Switching Capacity
750 W
Lifetime
0.2 million actuations at Rated Swit-
ching Capacity
Contact Resistance
< 30 m
Ω
Insulation Resistance
> 100 M
Ω
Duration of Bounce
< 5 ms
Micro Switch 0,1 A / 30 VDC, IP40
Contact Material
Au
Switching Voltage
max. 30 VDC
Switching Current
max. 0.1 A
Rated Switching Capacity
3 W
Lifetime
0.2 million actuations at Rated Swit-
ching Capacity
Contact Resistance
< 50 m
Ω
Insulation Resistance
> 100 M
Ω
Duration of Bounce
< 5 ms
Micro Switch for Electrical Rating 10 A / 250 VAC (Protection Class
IP40)
Contact Material
Ag
Switching Voltage
max. 250 VAC
Switching Current
max. 10 A
Rated Switching Capacity
2500 W
Lifetime
0.05 million actuations at Rated Swit-
ching Capacity
Contact Resistance
< 30 m
Ω
Insulation Resistance
> 100 M
Ω
Duration of Bounce
< 5 ms
Micro Switch 5 A / 250 VAC, IP67
Switching Voltage
max. 250 VAC
Switching Current
max. 5
Rated Switching Capacity
1250 W
Lifetime
0.05 million actuations at Rated Swit-
ching Capacity
Micro Switch 0,1 A / 250 VAC, IP67 - on request
Switching Voltage
max. 250 VAC
Switching Current
max. 0.1
Rated Switching Capacity
25 W
Lifetime
0.05 million actuations at Rated Swit-
ching Capacity
Micro Switch 10 A / 250 VAC, IP67 - on request
Switching Voltage
max. 250 VAC
Switching Current
max. 10 A
Rated Switching Capacity
2500 W
Lifetime
0.01 million actuations at Rated Swit-
ching Capacity
Mechanical Data
Actuating Force
4.5 N
Actuating Travel
1.0 mm
Lifetime
1.5 million actuations
Shock Protection
IK07
Mounting screw torque Plastic
Nut
max. 3.5 Nm
Mounting screw torque Stain-
less Steel Nut
max. 16 Nm
Climatical Data
Operating Temperature
-25 to 85 °C
Storage Temperature
-25 to 85 °C
IP Protection Class
IP65
Switching Unit
IP40
IP67 optional
Salt Spray Test (acc. to DIN
50021-SS)
24 h / 48 h / 96 h Residence Time
Material
Housing
Stainless Steel
Actuator
Ceramic (Zirconium Dioxide)
Seal Ring
NBR70
Switcher Collet
PA
Plastic Nut
PA, UL94
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com