Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBO-1 Datasheet(PDF) 5 Page - CUI INC

Part # PBO-1
Description  AC-DC POWER SUPPLY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBO-1 Datasheet(HTML) 5 Page - CUI INC

  PBO-1 Datasheet HTML 1Page - CUI INC PBO-1 Datasheet HTML 2Page - CUI INC PBO-1 Datasheet HTML 3Page - CUI INC PBO-1 Datasheet HTML 4Page - CUI INC PBO-1 Datasheet HTML 5Page - CUI INC PBO-1 Datasheet HTML 6Page - CUI INC PBO-1 Datasheet HTML 7Page - CUI INC PBO-1 Datasheet HTML 8Page - CUI INC PBO-1 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
cui.com
date 01/18/2022
│ page 5 of 13
CUI Inc
│ SERIES: PBO-1 │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
vertical models: 35.00 x 11.00 x 18.00 (1.38 x 0.43 x 0.71 inches)
right-angle models: 35.00 x 18.00 x 11.00 (1.38 x 0.71 x 0.43 inches)
mm
mm
weight
6
g
MECHANICAL DRAWING
PIN CONNECTIONS
PIN
Function
1
AC (N)
3
AC (L)
5
+V(CAP)
7
-V(CAP)
10
-Vo
12
+Vo
Note: 1. It is required to add
C1 between pins 5 & 7 (see
application circuits).
Vertical Orientation
units: mm[inch]
tolerance: ±0.50[±0.020]
pin section tolerance: ±0.10[±0.004]
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com