Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBO-1 Datasheet(PDF) 9 Page - CUI INC

Part # PBO-1
Description  AC-DC POWER SUPPLY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBO-1 Datasheet(HTML) 9 Page - CUI INC

Back Button PBO-1 Datasheet HTML 5Page - CUI INC PBO-1 Datasheet HTML 6Page - CUI INC PBO-1 Datasheet HTML 7Page - CUI INC PBO-1 Datasheet HTML 8Page - CUI INC PBO-1 Datasheet HTML 9Page - CUI INC PBO-1 Datasheet HTML 10Page - CUI INC PBO-1 Datasheet HTML 11Page - CUI INC PBO-1 Datasheet HTML 12Page - CUI INC PBO-1 Datasheet HTML 13Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
cui.com
date 01/18/2022
│ page 9 of 13
CUI Inc
│ SERIES: PBO-1 │ DESCRIPTION: AC-DC POWER SUPPLY
Table 3
Circuit 3
Application enviromental
Ambient temperature range
Immunity Class
Emissions Class
Indoor civil / general
-40°C ~ 55°C
Class III
Class B
Component
Recommended value
R1
12Ω/3W
CY1 (CY2)
1.0nF/400Vac
LCM
3.5mH
LDM
0.33mH
CX
0.1µF/310Vac
CY3, CY4
0.56nF/400Vac
FUSE (required)
1A/300V, slow-blow
Note: In the home appliance application enviroment, the two Y capacitors of the primary and secondary need to be externally connected (CY1/CY2, value at 2.2nF/400Vac) which can
meet the EN60335 certification. In other industries, only one Y capacitor is required.
EMC RECOMMENDED CIRCUIT (CONTINUED)
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com