Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX253ESA/V Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX253ESA/V
Description  Transformer Driver for Isolated RS-485 Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX253ESA/V Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX253ESA/V Datasheet HTML 10Page - Maxim Integrated Products MAX253ESA/V Datasheet HTML 11Page - Maxim Integrated Products MAX253ESA/V Datasheet HTML 12Page - Maxim Integrated Products MAX253ESA/V Datasheet HTML 13Page - Maxim Integrated Products MAX253ESA/V Datasheet HTML 14Page - Maxim Integrated Products MAX253ESA/V Datasheet HTML 15Page - Maxim Integrated Products MAX253ESA/V Datasheet HTML 16Page - Maxim Integrated Products MAX253ESA/V Datasheet HTML 17Page - Maxim Integrated Products MAX253ESA/V Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
MAX253
Transformer Driver for
Isolated RS-485 Interface
Maxim Integrated | 14
www.maximintegrated.com
10
μF
6N136
MAX253
D1
D2
GND1
GND2
VCC
4
27
8
1
SD
6
6N136
6N136
10
μF
79 L12
78L05
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
CONVST
VDD
VSS
CLOCK
DATA
AIN
VREF
GND
MAX176
3k
Ω
3k
Ω
470
Ω
0.1
μF10μF
0.1
μF
10
μF
0.1
μF
10
μF
5V
200
Ω
200
Ω
8.2k
Ω
74HC04
7
6
5
4
3
2
1
15
16
QH
QG
QF
QE
QD
QC
QB
QA
SER
SCK
RCK
SCLR
14
11
12
10
74HC595
13
8
5V
0.1
μF
D11(MSB)
D10
D9
D8
5V
7
6
5
4
3
2
1
15
16
QH
QG
QF
QE
QD
QC
QB
QA
SER
SCK
RCK
SCLR
14
11
12
10
74HC595
13
8
5V
0.1
μF
D7
D6
D5
D4
D3
D2
D1
D0(LSB)
5V
74HC04
ON/OFF
START
INPUT CLOCK
1CT : 1.5CT : 3CT*
4 x 1N5817
VIN
5V
SIGNAL
GROUND
ANALOG
INPUT
ISO
5V
ISO
-12V
8
QH
′
ISOLATION
BARRIER
*SEE TABLE 2
Figure 10. Typical Isolated ADC Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com