Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX253ESA/V Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX253ESA/V
Description  Transformer Driver for Isolated RS-485 Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX253ESA/V Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX253ESA/V Datasheet HTML 1Page - Maxim Integrated Products MAX253ESA/V Datasheet HTML 2Page - Maxim Integrated Products MAX253ESA/V Datasheet HTML 3Page - Maxim Integrated Products MAX253ESA/V Datasheet HTML 4Page - Maxim Integrated Products MAX253ESA/V Datasheet HTML 5Page - Maxim Integrated Products MAX253ESA/V Datasheet HTML 6Page - Maxim Integrated Products MAX253ESA/V Datasheet HTML 7Page - Maxim Integrated Products MAX253ESA/V Datasheet HTML 8Page - Maxim Integrated Products MAX253ESA/V Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MAX253
Transformer Driver for
Isolated RS-485 Interface
Maxim Integrated | 3
www.maximintegrated.com
10.5
6.0
-60
-20
60
140
OUTPUT RESISTANCE vs. TEMPERATURE
(FS = LOW)
7.0
9.5
TEMPERATURE (
°C)
20
100
8.5
8.0
6.5
7.5
10.0
9.0
-40
0
80
40
120
VIN = 4.5V
VIN = 5.0V
MEASURED AT TP1
15
6
-60
-20
60
140
OUTPUT RESISTANCE vs. TEMPERATURE
(FS = HIGH)
TEMPERATURE (
°C)
20
100
9
12
-40
0
80
40
120
VIN = 4.5V
VIN = 5.0V
MEASURED AT TP1
1.0
0
-60
-20
60
140
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
20
100
0.4
0.8
-40
0
80
40
120
0.6
0.2
INCLUDES SWITCH LEAKAGE CURRENTS
260
160
-60
-20
60
140
D1, D2 FREQUENCY vs. TEMPERATURE
(FS = LOW)
TEMPERATURE (
°C)
20
100
200
240
-40
0
80
40
120
220
180
VIN = 5.5V
VIN = 4.5V
VIN = 5.0V
VIN = 6.0V
850
400
-60
-20
60
140
SUPPLY CURRENT vs. TEMPERATURE
(FS = HIGH)
500
750
TEMPERATURE (
°C)
20
100
650
600
450
550
800
700
-40
0
80
40
120
VIN = 5.5V
VIN = 6.0V
VIN = 4.5V
VIN = 5.0V
480
280
-60
-20
60
140
D1, D2 FREQUENCY vs. TEMPERATURE
(FS = HIGH)
TEMPERATURE (
°C)
20
100
360
440
-40
0
80
40
120
400
320
VIN = 4.5V
VIN = 5.0V
VIN = 6.0V
VIN = 5.5V
550
250
-60
-20
60
140
SUPPLY CURRENT vs. TEMPERATURE
(FS = LOW)
TEMPERATURE (
°C)
20
100
350
-40
0
80
40
120
300
400
500
450
600
VIN = 4.5V
VIN = 5.0V
VIN = 5.5V
VIN = 6.0V
100
0
0
40
120
200
EFFICIENCY vs. LOAD CURRENT
(FS = LOW)
20
80
LOAD CURRENT (mA)
80
160
60
40
10
30
90
70
50
20
60
140
100
180
VIN = 5.5V
VIN = 4.5V
Typical Operating Characteristics
(Circuit of Figure 6, VIN = 5V ±10%, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com