Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX253ESA/V Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX253ESA/V
Description  Transformer Driver for Isolated RS-485 Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX253ESA/V Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX253ESA/V Datasheet HTML 1Page - Maxim Integrated Products MAX253ESA/V Datasheet HTML 2Page - Maxim Integrated Products MAX253ESA/V Datasheet HTML 3Page - Maxim Integrated Products MAX253ESA/V Datasheet HTML 4Page - Maxim Integrated Products MAX253ESA/V Datasheet HTML 5Page - Maxim Integrated Products MAX253ESA/V Datasheet HTML 6Page - Maxim Integrated Products MAX253ESA/V Datasheet HTML 7Page - Maxim Integrated Products MAX253ESA/V Datasheet HTML 8Page - Maxim Integrated Products MAX253ESA/V Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MAX253
Transformer Driver for
Isolated RS-485 Interface
Maxim Integrated | 5
www.maximintegrated.com
1
2
3
4
8
7
6
5
D2
GND2
VCC
N.C.
SD
FS
GND1
D1
DIP/SO/
μMAX
TOP VIEW
MAX253
+
Pin Configuration
Pin Description
Not internally connected.
N.C.
5
5V supply voltage.
VCC
6
GND2
7
Open drain of N-channel transformer drive 2.
D2
8
SD
4
FS
3
PIN
GND1
2
Open drain of N-channel transformer drive 1.
D1
1
FUNCTION
NAME
Ground. Connect both GND1 and GND2
to ground.
Frequency switch. If FS = VCC or open,
switch frequency = 350kHz; if VFS = 0V,
switch frequency = 200kHz.
Shutdown. Ground for normal operation,
connect high for shutdown.
Ground. Connect both GND1 and GND2
to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com