Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3DPX1202A Datasheet(PDF) 26 Page - Diodes Incorporated

Part # PI3DPX1202A
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1202A Datasheet(HTML) 26 Page - Diodes Incorporated

Back Button PI3DPX1202A_V01 Datasheet HTML 22Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 23Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 24Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 25Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 26Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 27Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 28Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 29Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 30Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
A product Line of
Diodes Incorporated
26 of 51
www.diodes.com
February 2020
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev 3-3
PI3DPX1202A
SMBus
Registers
AUX
Registers
Description
Default
value
DP Ac-
cess
00207h
ADJUST_REQUEST_LANE2_3
(Bit definitions as in ADJUST_REQUEST_LANE0_1)
00h
R
0x0C
00218h
TEST_REQUEST: Test requested by the Sink Device. All other values
reserved.
Bit 0 = TEST_LINK_TRAINING
0 = no link training test requested
1 = link training test requested.
See TEST_LINK_RATE and TEST_LANE_COUNT for link rate and
linkwidth requested respectively.
Bit 1 = TEST_PATTERN
0 = no test pattern requested
1 = test pattern requested
Bit 2 = TEST_EDID_READ
0 = no EDID read test requested
1 = EDID read test requested.
00h
Checksum of the last EDID block read is written to TEST_EDID_
CHECKSUM. The source will also send a color square test pattern.
For DPCD version 1.0:
Bits 7:3 = RESERVED. Read all 0’s.
For DPCD version 1.1:
Bit 3 = PHY_TEST_PATTERN
Set = 1 to request the PHY test pattern as specified at address 00248h.
Bits 7:4 = Reserved. Read as zeros.
0x0D
00219h
TEST_LINK_RATE
Bits 7:0 = TEST_LINK_RATE
06h = 1.62 Gbps
0Ah = 2.7 Gbps
14h = 5.4 Gbps
00h
R
0x0E
00220h
TEST_LANE_COUNT
Bits 4:0 = TEST_LANE_COUNT
1h = one lane
2h = two lanes
4h = four lanes
All other values reserved.
Bits 7:5 = RESERVED. Read all 0’s.
00h
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com