Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3DPX1202A Datasheet(PDF) 34 Page - Diodes Incorporated

Part # PI3DPX1202A
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1202A Datasheet(HTML) 34 Page - Diodes Incorporated

Back Button PI3DPX1202A_V01 Datasheet HTML 30Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 31Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 32Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 33Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 34Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 35Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 36Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 37Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 38Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
A product Line of
Diodes Incorporated
34 of 51
www.diodes.com
February 2020
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev 3-3
PI3DPX1202A
A product Line of
Diodes Incorporated
6. Application
Note
Information in the following applications sections is not part of the component specification, and does not warrant its ac-
curacy or completeness. Customers are responsible for determining suitability of components for their purposes. Cus-
tomers should validate and test their design implementation to confirm system functionality.
6.1
Application Circuit Diagrams
•
SCL_DDC and SDA_DDC can be float, if unused.
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
OUTxN
OUTxP
HPD_SNK
AUX_SNKP
AUX_SNKN
HPD_SRC
CAD_SNK
CAD_SRC
AUX_SRCP
AUX_SRCN
INxP
INxN
SCL_DDC
SDA_DDC
+3V3
Title
Size
Document Number
Rev
Date:
Sheet
of
A
PI3DPX1202 DP Source App Diagram, Separate AUX & DDC
12
Friday, November 04, 2016
Title
Size
Document Number
Rev
Date:
Sheet
of
A
PI3DPX1202 DP Source App Diagram, Separate AUX & DDC
12
Friday, November 04, 2016
Title
Size
Document Number
Rev
Date:
Sheet
of
A
PI3DPX1202 DP Source App Diagram, Separate AUX & DDC
12
Friday, November 04, 2016
DP Connector
Dual-mode DP Source
CNTRL
OP_[1:0]
PI3DPX1202
OC_[1:0]
EQ
AUTO_EQ
Aux Listener & Switch
ENABLE
Separate AUX &
DDC Channels
1M
1M
0.1u_0402
0.1u_0402
0.1u_0402
0.1u_0402
0.1u_0402
0.1u_0402
100K
100K
0.1u_0402
0.1u_0402
0.1u_0402
0.1u_0402
200K
200K
100K
100K
0.1u_0402
0.1u_0402
Figure 6-1: DP++ Source Application with combined Aux/DDC Channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com