Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3DPX1202A Datasheet(PDF) 29 Page - Diodes Incorporated

Part # PI3DPX1202A
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1202A Datasheet(HTML) 29 Page - Diodes Incorporated

Back Button PI3DPX1202A_V01 Datasheet HTML 25Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 26Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 27Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 28Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 29Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 30Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 31Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 32Page - Diodes Incorporated PI3DPX1202A_V01 Datasheet HTML 33Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
A product Line of
Diodes Incorporated
29 of 51
www.diodes.com
February 2020
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev 3-3
PI3DPX1202A
5. Electrical Specification
5.1
Absolute Maximum Ratings
Normal I/O supply voltage to ground potential.....................................................................................................-0.5V to 4.0V
Supply Voltage Range 3.3V .......................................................................................................................................-0.5V to 4.0V
DC Signal Voltage......................................................................................................................................-0.5V to VDD33 +0.5V
Output Current................................................................................................................................................... -25mA to +25mA
Storage Temperature .................................................................................................................................................-65 to +150°C
Junction Temperature .............................................................................................................................................................125°C
ESD HBM..............................................................................................................................................................................±2000V
ESD CDM................................................................................................................................................................................±500V
Note:
1. Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rat-
ing conditions for extended periods may affect reliability.
5.2
Recommended Operating Conditions
Symbol
Parameters
Min.
Typ.
Max.
Units
VDD33
3.3V Power Supply
3.0
3.3
3.6
V
T
A
Operating temperature
Commercial Part Number
0
70
o
C
Industrial Part Number
-40
85
T
CASE
Case temperature
103.1
o
C
V
IH(HPD)
High-level input voltage HPD_SNK
1.9
5.5
V
V
IH
High-level input voltage for device control signals
0.75
V
V
IL
Low-level input voltage for device control signals
0
0.8
V
Main Link
V
ID
Peak to Peak input differential voltage
0.3
1.4
V
pp
DR
Data Rate
5.4
Gbps
C
AC
AC Coupling Capacitance
75
200
nF
R
DIFF
Differential output termination resistor
75
100
120
Ω
V
O_TERM
Output Termination Voltage
0
2
V
t
SKEW
Inter-pair Skew at the 5.4 Gbps Input
20
ps
Aux Channel Data
V
ID
Input Differential Voltage
300
1400
mV
pp
DR
AUX
Data Rate Aux
0.8
1
1.2
Mbps
DR
FAUX
Data rate Fast Aux
720
Mbps
C
AC
Aux AC Coupling Capacitance
75
200
nF
V
CM_SRC
Aux Source common mode voltage
CAD=VIL; measured on Aux source and sink before AC coupling caps
0
2000
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com