Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5149 Datasheet(PDF) 40 Page - Texas Instruments

Part # LM5149
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5149 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LM5149 Datasheet HTML 36Page - Texas Instruments LM5149 Datasheet HTML 37Page - Texas Instruments LM5149 Datasheet HTML 38Page - Texas Instruments LM5149 Datasheet HTML 39Page - Texas Instruments LM5149 Datasheet HTML 40Page - Texas Instruments LM5149 Datasheet HTML 41Page - Texas Instruments LM5149 Datasheet HTML 42Page - Texas Instruments LM5149 Datasheet HTML 43Page - Texas Instruments LM5149 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 69 page
background image
10.2 Typical Applications
For step-by-step design procedure, circuit schematics, bill of materials, PCB files, simulation, and test results of
an LM25143-powered implementation, see the TI Designs reference design library.
10.2.1 Design 1 – 5-V and 3.3-V Dual-Output Buck Regulator for Computing Applications
Figure 10-4 shows the schematic diagram of a dual-output synchronous buck regulator with output voltages
setpoints of 3.3 V and 5 V and a rated load current of 7 A for each output. In this example, the target half-load
and full-load efficiencies are 91% and 90%, respectively, based on a nominal input voltage of 12 V that ranges
from 3.5 V to 36 V. The switching frequency is set at 2.1 MHz by resistor RRT. The 5-V output is connected to
VCCX to reduce IC bias power dissipation and improve efficiency.
VOUT2 = 5 V
IOUT2 = 7 A
VIN = 3.5 V...36 V
(12 V nom)
SS2
RES
DEMB
AGND SS1
COMP2
PGND2
VOUT2
CS2
LO2
SW2
HO2
HB2
VIN
COMP1
PGND1
VOUT1
CS1
LO1
SW1
HO1
HB1
VCC
PG1
HOL1
LOL1
HOL2
LOL2
EN1
EN2
VCCX
RT
VDDA
PG2
SYNCOUT
VIN
VIN
LM25143
* VOUT1 tracks VIN if VIN < 3.7 V
VOUT2 tracks VIN if VIN < 5.4 V
CHF2
RCOMP2
LO1
CO2
CIN
CSS1
CCOMP2
CSS2
CRES
CVDDA
CHF1
LO2
CO1
RS2
RS1
Q2
Q1
Q4
Q3
RHO2
RHO1
CDITH
DITH
RRT
0.47 F
4
10 F
8
10 nF
4
47 F
15 pF
10 nF
1 nF
7 m
0.68 H
15 pF
4
47 F
7 m
0.68 H
2.2 F
10.5 k
24.9 k
RCOMP1
CCOMP1
1 nF
20 k
0
0
CVCC2
2.2 F
CVCC1
FB2
FB1
MODE
VDDA
CVCCX
2.2 F
VOUT1 = 3.3 V
IOUT1 = 7 A
DB1
0.1 F
CBST1
0.1 F
CBST2
DB2
68 nF
68 nF 0.22 F
Figure 10-4. Application Circuit 1 With LM25143 Dual-Output Buck Regulator at 2.1 MHz
Note
This and subsequent design examples are provided herein to showcase the LM25143 controller
in several different applications. Depending on the source impedance of the input supply bus, an
electrolytic capacitor can be required at the input to ensure stability, particularly at low input voltage
and high output current operating conditions. See Section 10 for more details.
LM25143
SNVSC10 – MARCH 2022
www.ti.com
40
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com