Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5149 Datasheet(PDF) 29 Page - Texas Instruments

Part # LM5149
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5149 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM5149 Datasheet HTML 25Page - Texas Instruments LM5149 Datasheet HTML 26Page - Texas Instruments LM5149 Datasheet HTML 27Page - Texas Instruments LM5149 Datasheet HTML 28Page - Texas Instruments LM5149 Datasheet HTML 29Page - Texas Instruments LM5149 Datasheet HTML 30Page - Texas Instruments LM5149 Datasheet HTML 31Page - Texas Instruments LM5149 Datasheet HTML 32Page - Texas Instruments LM5149 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 69 page
background image
9.3.17 Output Configurations (MODE, FB2)
9.3.17.1 Independent Dual-Output Operation
The LM25143 has two outputs that can operate independently. Both VOUT1 and VOUT2 can be set at 3.3 V or 5
V without installing external feedback resistors. Alternatively, set the output voltages between 0.6 V and 36 V
using external feedback resistors based on Equation 5. See Table 9-1 and Figure 9-8. Connect MODE directly to
AGND for independent outputs.
Table 9-1. Output Voltage Settings
Mode
FB1
FB2
VOUT1
VOUT2
Error Amplifier, gm
AGND
AGND
AGND
5 V
5 V
1200 µS
AGND
VDDA
VDDA
3.3 V
3.3 V
1200 µS
AGND
VDDA
AGND
3.3 V
5 V
1200 µS
AGND
AGND
VDDA
5 V
3.3 V
1200 µS
AGND
Rdivider
Rdivider
0.6 V to 36 V
0.6 V to 36 V
1200 µS
10 kΩ to AGND
AGND
AGND
5 V
5 V
60 µS
10 kΩ to AGND
VDDA
VDDA
3.3 V
3.3 V
60 µS
10 kΩ to AGND
VDDA
AGND
3.3 V
5 V
60 µS
10 kΩ to AGND
AGND
VDDA
5 V
3.3 V
60 µS
10 kΩ to AGND
Rdivider
Rdivider
0.6 V to 36 V
0.6 V to 36 V
60 µS
VIN
SS2
RES
DEMB
AGND SS1
COMP2
PGND2
VOUT2
CS2
LO2
SW2
HO2
HB2
VIN
COMP1
PGND1
VOUT1
CS1
LO1
SW1
HO1
HB1
VCC
PG1
HOL1
LOL1
HOL2
LOL2
EN1
EN2
VCCX
RT
VDDA
PG2
FB2
SYNCOUT
FB1
MODE
LM25143
LO1
CO2
CIN
CSS1
CSS2
CRES
CVDD
LO2
CO1
RHO2
RHO1
CDITH
DITH
RRT
VOUT2
VOUT1
SYNC Out
SYNC In (optional)
CVCC2
CVCC1
RS1
RS2
CHF2
RCOMP2 CCOMP2
CHF1
RCOMP1
CCOMP1
Figure 9-8. Regulator Schematic Configured for Independent Dual Outputs
9.3.17.2 Single-Output Interleaved Operation
Connect the MODE to VDDA and FB2 to AGND to configure the LM25143 for interleaved operation. This
disables the channel 2 error amplifier and places it in a high impedance state. The controller is then in a
primary and secondary configuration. Connect COMP1 to COMP2 and SS1 to SS2. Connect FB1 to VDDA for a
www.ti.com
LM25143
SNVSC10 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com