Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5149 Datasheet(PDF) 62 Page - Texas Instruments

Part # LM5149
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5149 Datasheet(HTML) 62 Page - Texas Instruments

Back Button LM5149 Datasheet HTML 58Page - Texas Instruments LM5149 Datasheet HTML 59Page - Texas Instruments LM5149 Datasheet HTML 60Page - Texas Instruments LM5149 Datasheet HTML 61Page - Texas Instruments LM5149 Datasheet HTML 62Page - Texas Instruments LM5149 Datasheet HTML 63Page - Texas Instruments LM5149 Datasheet HTML 64Page - Texas Instruments LM5149 Datasheet HTML 65Page - Texas Instruments LM5149 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 69 page
background image
www.ti.com
PACKAGE OUTLINE
C
A
6.1
5.9
B
6.1
5.9
SEE TERMINAL
DETAIL
3.3 0.1
40X
0.5
0.3
1 MAX
(0.2) TYP
0.05
0.00
36X 0.5
2X
4.5
2X 4.5
40X
0.3
0.2
0.3
0.2
0.5
0.3
VQFN - 1 mm max height
RHA0040P
PLASTIC QUAD FLATPACK - NO LEAD
4226761/A 04/2021
PIN 1 INDEX AREA
0.08 C
SEATING PLANE
1
10
21
30
11
20
40
31
(OPTIONAL)
PIN 1 ID
0.1
C A
B
0.05
EXPOSED
THERMAL PAD
41
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 2.200
DETAIL
OPTIONAL TERMINAL
TYPICAL
LM25143
SNVSC10 – MARCH 2022
www.ti.com
62
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com