Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX7349F Datasheet(PDF) 45 Page - Texas Instruments

Part # TMUX7349F
Description  TMUX734xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Adjustable Fault Threshold, Latch-up Immunity, and 1.8-V Logic
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7349F Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMUX7349F Datasheet HTML 41Page - Texas Instruments TMUX7349F Datasheet HTML 42Page - Texas Instruments TMUX7349F Datasheet HTML 43Page - Texas Instruments TMUX7349F Datasheet HTML 44Page - Texas Instruments TMUX7349F Datasheet HTML 45Page - Texas Instruments TMUX7349F Datasheet HTML 46Page - Texas Instruments TMUX7349F Datasheet HTML 47Page - Texas Instruments TMUX7349F Datasheet HTML 48Page - Texas Instruments TMUX7349F Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
10.2.1 Design Requirements
Table 10-1. Design Parameters
PARAMETER
VALUE
Positive supply (VDD) mux
+15 V
Negative supply (VSS) mux
-15 V
Positive fault voltage supply (VFP) mux and ADC
+10 V
Negative fault voltage supply (VFN) mux and ADC
-10 V
Power board supply voltage
24 V
Input / output signal range non-faulted
-10 V to 10 V
Overvoltage protection levels
-60 V to 60 V
Control logic thresholds
1.8 V compatible, up to 44 V
Temperature range
-40°C to +125°C
10.2.2 Detailed Design Procedure
The image shows the case where an incorrect wiring condition occurred and one of the input connectors has
been shorted to the power board supply voltage. If the board supply voltage is higher than the fault voltage
supply of the multiplexer, then the TMUX7348F or TMUX7349F will disconnect the source input from passing
the signal to protect the downstream ADC. The drain pin of the mux will be pulled up to the fault voltage supply
voltage VFP through a 40 kΩ resistor to allow the ADC to determine a fault condition has occurred.
10.2.3 Application Curves
The example application utilizes the fault protection of the TMUX7348F or TMUX7349F to protect downstream
components from potential miswiring conditions from the Power Module board. Figure 10-2 shows an example
of positive overvoltage fault response with a fast fault ramp rate of 58 V/µs. Figure 10-3 shows the extremely
flat on-resistance across source voltage while operating within a common signal range of ±10 V. These features
make the TMUX7348F or TMUX7349F an ideal solution for factory automation applications that may face
various fault conditions but also require excellent linearity and low distortion.
Time (
s)
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
-5
-2.5
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
FF/SF
DRAIN
VFP
SOURCE
50V/
s Fault Ramp
Figure 10-2. Positive Overvoltage Response
VS or VD - Source or Drain Voltage (V)
-10
-6
-2
2
6
10
160
170
180
190
200
210
220
230
240
VDD = 13.5 V, VSS = -13.5 V
VDD = 15 V, VSS = -15 V
VDD = 16.5 V, VSS = -16.5 V
VDD = 18 V, VSS = -18 V
VDD = 20 V, VSS = -20 V
VDD = 22 V, VSS = -22 V
Figure 10-3. RON Flatness in Non-Fault Region
www.ti.com
TMUX7348F
SCDS400 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: TMUX7348F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com