Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX7349F Datasheet(PDF) 48 Page - Texas Instruments

Part # TMUX7349F
Description  TMUX734xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Adjustable Fault Threshold, Latch-up Immunity, and 1.8-V Logic
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7349F Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMUX7349F Datasheet HTML 44Page - Texas Instruments TMUX7349F Datasheet HTML 45Page - Texas Instruments TMUX7349F Datasheet HTML 46Page - Texas Instruments TMUX7349F Datasheet HTML 47Page - Texas Instruments TMUX7349F Datasheet HTML 48Page - Texas Instruments TMUX7349F Datasheet HTML 49Page - Texas Instruments TMUX7349F Datasheet HTML 50Page - Texas Instruments TMUX7349F Datasheet HTML 51Page - Texas Instruments TMUX7349F Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 59 page
background image
Wide (low inductance)
trace for power
Wide (low inductance)
trace for power
VSS
S1A
S2B
S2A
S3B
S3A
S4B
Via to ground plane
Wide (low inductance)
trace for power
Wide (low inductance)
trace for power
S1B
S4A
DB
C
C
Via to signal plane
1kΩ
1kΩ
Figure 12-4. TMUX7349FQFN Layout Example
TMUX7348F
SCDS400 – MARCH 2022
www.ti.com
48
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7348F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com