Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX7349F Datasheet(PDF) 46 Page - Texas Instruments

Part # TMUX7349F
Description  TMUX734xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Adjustable Fault Threshold, Latch-up Immunity, and 1.8-V Logic
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7349F Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMUX7349F Datasheet HTML 42Page - Texas Instruments TMUX7349F Datasheet HTML 43Page - Texas Instruments TMUX7349F Datasheet HTML 44Page - Texas Instruments TMUX7349F Datasheet HTML 45Page - Texas Instruments TMUX7349F Datasheet HTML 46Page - Texas Instruments TMUX7349F Datasheet HTML 47Page - Texas Instruments TMUX7349F Datasheet HTML 48Page - Texas Instruments TMUX7349F Datasheet HTML 49Page - Texas Instruments TMUX7349F Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
11 Power Supply Recommendations
The TMUX7348F and TMUX7349F operate across a wide supply range of ±5 V to ±22 V (8 V to 44 V in
single-supply mode). They also perform well with asymmetrical supplies such as VDD = 12 V and VSS= –5 V. For
improved supply noise immunity, use a supply decoupling capacitor ranging from 0.1 µF to 10 µF at both the VDD
and VSS pins to ground. Always ensure the ground (GND) connection is established before supplies are ramped.
The fault supplies (VFP and VFN) provide the current required to operate the fault protection, and thus, must be
low impedance supplies. They can be derived from the primary supplies by using a resistor divider and buffer
or be an independent supply rail. The fault supplies must not exceed the primary supplies as it might cause
unexpected behavior of the switch. Use a supply decoupling capacitor ranging from 0.1 µF to 10 µF at both the
VFP and VFN pins to ground for improved supply noise immunity.
The positive supply (VDD) must be ramped before the positive fault rail (VFP) for proper power sequencing of
the TMUX7348F and TMUX7349F. Similarly, the negative supply (VSS) must be ramped before the negative fault
voltage rail (VFN).
12 Layout
12.1 Layout Guidelines
The following images illustrate examples of a PCB layout with the TMUX7348F and TMUX7349F. Some key
considerations are:
• For reliable operation, connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and VSS to
GND. We recommend a 0.1 µF and 1 µF capacitor, placing the lowest value capacitor as close to the pin as
possible. Make sure that the capacitor voltage rating is sufficient for the VDD and VSS supplies.
• Multiple decoupling capacitors can be used if their is a lot of noise in the system. For example, a 0.1-µF and
1-µF can be placed on the supply pins. If multiple capacitors are used, placing the lowest value capacitor
closest to the supply pin is recommended.
• Keep the input lines as short as possible.
• Use a solid ground plane to help distribute heat and reduce electromagnetic interference (EMI) noise pickup.
• Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if
possible, and only make perpendicular crossings when necessary.
12.2 Layout Example
VDD
A0
EN
VSS
S1
S2
S3
A1
A2
GND
S5
S6
S4
TMUX7348F
C
S8
D
S7
Wide (low inductance)
trace for power
C
Wide (low inductance)
trace for power
VFN
SF
FF
VFP
C
Wide (low inductance)
trace for power
C
Wide (low inductance)
trace for power
1k
1k
Wide (low inductance)
trace for power
Via to ground plane
Via to signal plane
Figure 12-1. TMUX7348FPW Layout Example
TMUX7348F
SCDS400 – MARCH 2022
www.ti.com
46
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7348F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com