Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4254 Datasheet(PDF) 49 Page - Analog Devices

Part # ADA4254
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADA4254 Datasheet HTML 45Page - Analog Devices ADA4254 Datasheet HTML 46Page - Analog Devices ADA4254 Datasheet HTML 47Page - Analog Devices ADA4254 Datasheet HTML 48Page - Analog Devices ADA4254 Datasheet HTML 49Page - Analog Devices ADA4254 Datasheet HTML 50Page - Analog Devices ADA4254 Datasheet HTML 51Page - Analog Devices ADA4254 Datasheet HTML 52Page - Analog Devices ADA4254 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
Data Sheet
ADA4254
Rev. B | Page 49 of 59
WIRE BREAK DETECT REGISTER (WB_DETECT) DETAILS
Table 20. WB_DETECT Register Details (Register 0x07)
Bit Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WB_G_RST_DIS
Reserved
SW_F1
SW_F2
WB_CURRENT[1:0]
Access
RW
Reserved
RW
RW
RW
Reset
0
Reserved
0
0
1
0
PGIA
D12
F1
F2
VDDH
A1
A2
B1
B2
+IN1
–IN1
+IN2
–IN2
–OUT
+OUT
WB_CURRENT[1:0]
Figure 107. Wire Break Current Connectivity
Bit 7, WB_G_RST_DIS—Wire Break Gain Reset Disable
The WB_G_RST_DIS bit can be set to 1 to prevent the gain
settings in the GAIN_MUX register from being overridden to
1/16 V/V when the SW_F1 bit or the SW_F2 bit are set to 1.
Bit 3, SW_F1, and Bit 2, SW_F2—Fault Switch Selection
The SW_F1 bit and the SW_F2 bit are used to connect the wire
break current sources to the inputs, as shown in Figure 107.
Setting SW_F1 or SW_F2 to 1 closes each corresponding
switch. Both switches can be closed simultaneously. When
SW_F1 or SW_F2 are set to 1 and WB_G_RST_DIS is cleared
to 0, the gain settings in the GAIN_MUX register are temporarily
overridden to the default values. Reading GAIN_MUX while
SW_F1 or SW_F2 are set to 1 does not show this temporary
override. When SW_F1 or SW_F2 are cleared to 0, the gain is
also restored to the previous value.
Bits[1:0], WB_CURRENT—Detection Current Selection
Table 21 shows four different current values that can be used
for wire break detection. Both current sources are set to the
programmed value. The comparator used to detect a wire
break event has a threshold at approximately 4 V from VDDH.
Table 21. Wire Break Detect Current Values
WB_CURRENT[1:0] Bits
Current
Source Value
Threshold
VDDH = 15 V
Bit 1
Bit 0
0
0
250 nA
44 MΩ
0
1
2 μA
5.5 MΩ
1
0
4 μA (default)
2.75 MΩ
1
1
16 μA
688 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com