Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4254 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4254
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4254 Datasheet HTML 4Page - Analog Devices ADA4254 Datasheet HTML 5Page - Analog Devices ADA4254 Datasheet HTML 6Page - Analog Devices ADA4254 Datasheet HTML 7Page - Analog Devices ADA4254 Datasheet HTML 8Page - Analog Devices ADA4254 Datasheet HTML 9Page - Analog Devices ADA4254 Datasheet HTML 10Page - Analog Devices ADA4254 Datasheet HTML 11Page - Analog Devices ADA4254 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
ADA4254
Data Sheet
Rev. B | Page 8 of 59
TIMING SPECIFICATIONS
VDDH = 28 V, VSSH = −28 V, AVDD = 5 V, AVSS = 0 V, DVDD = 3.3 V, DVSS = 0 V, VOCM = AVDD/2 V.
Table 2. Digital Values and SPI Timing Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Maximum Clock Rate (SCLK)
5
MHz
Minimum Pulse Width (SCLK)
High
tPWH
75
ns
Low
tPWL
75
ns
SDI/SDO to SCLK Setup Time
tDS
10
ns
SDI/SDO to SCLK Hold Time
tDH
10
ns
Data Valid, SDO to SCLK
tDV
50
ns
Setup Time, CS to SCLK
tD
CS
30
ns
Timing Diagrams
R/W A6 A5A4 A3
A2 A1A0 D7N D6N D5N
D00
D10
D20
D30
D7N D6N D5N
D00
D10
D20
D30
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
CS
SCLK
SDIO
SDO
Figure 2. SPI Timing Diagram, MSB First
SCLK
SDI
CS
INSTRUCTION BIT 6
INSTRUCTION BIT 7
tDCS
tDS
tDH
tPWH
tPWL
tSCLK
Figure 3. SPI Register Write Timing Diagram
SCLK
SDI,
SDO
CS
DATA BITn–1
DATA BIT n
tDV
Figure 4. SPI Register Read Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com