Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4254 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4254
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4254 Datasheet HTML 5Page - Analog Devices ADA4254 Datasheet HTML 6Page - Analog Devices ADA4254 Datasheet HTML 7Page - Analog Devices ADA4254 Datasheet HTML 8Page - Analog Devices ADA4254 Datasheet HTML 9Page - Analog Devices ADA4254 Datasheet HTML 10Page - Analog Devices ADA4254 Datasheet HTML 11Page - Analog Devices ADA4254 Datasheet HTML 12Page - Analog Devices ADA4254 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
Data Sheet
ADA4254
Rev. B | Page 9 of 59
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VDDH
VSSH – 0.3 V to VSSH + 60 V
AVDD
AVSS – 0.3 V to AVSS + 5.5 V
DVDD
DVSS – 0.3 V to DVSS + 5.5 V
AVSS or DVSS
VSSH – 0.3 V to VSSH + 30 V
Voltage
VDDH – 30 V to VDDH + 0.3 V
Current
±10 mA
Input Voltage (+IN1, −IN1, +IN2,
or −IN2)
VSSH − 60 V to VSSH + 60 V
Differential Input Voltage
Between Any Two Amplifier
Inputs (+IN1, −IN1, +IN2, or
−IN2)
60 V
−OUT, +OUT Short-Circuit
Current
Indefinite
VOCM
Voltage
AVSS – 0.3 V to AVDD + 0.3 V
Current
±10 mA
Digital Inputs/Outputs (SPI and
GPIO), Voltage
DVSS – 0.3 V to DVDD + 0.3 V
Digital Inputs (SPI and GPIO),
Current
±10 mA
IOUT_LV
Voltage
AVSS – 0.3 V to AVDD + 0.3 V
Current
±10 mA
IOUT_HV
Voltage
VSSH – 0.3 V to VDDH + 0.3 V
Current
±10 mA
Operating Temperature Range
−40°C to +125°C
Specified Temperature Range
−40°C to +105°C
Maximum Junction Temperature
+150°C
Storage Temperature Range
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress rating
only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum
operating conditions for extended periods may affect product
reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection, junction to ambient, thermal
resistance measured in a one cubic foot sealed enclosure. θJC
is the junction to case thermal resistance.
Table 4. Thermal Resistance
Package Type1
θJA
θJC
Unit
CP-28-10
36.9
1.9
°C/W
RU-24
64.8
14.11
°C/W
1 The thermal resistance values specified in Table 4 are simulated based on
JEDEC specifications (unless specified otherwise) and must be used in
compliance with JESD51-12.
Refer to the ESD Map section for a schematic of ESD diodes
and paths.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com