Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4254ACPZ-R7 Datasheet(PDF) 45 Page - Analog Devices

Part # ADA4254ACPZ-R7
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254ACPZ-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADA4254ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
Data Sheet
ADA4254
Rev. B | Page 45 of 59
DIGITAL ERROR REGISTER (DIGITAL_ERR) DETAILS
Table 16. DIGITAL_ERR Register Details (Register 0x03)
Bit Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
CAL_BUSY
SPI_CRC_ERR
SPI_RW_ERR
SPI_SCLK_CNT_ERR
Reserved
MM_CRC_ERR
ROM_CRC_ERR
Access
Reserved
R
RW
RW
RW
Reserved
RW
RW
Reset
Reserved
0
0
0
0
Reserved
0
0
Bit 6, CAL_BUSY—Calibration Busy (Read Only)
CAL_BUSY indicates that the PGIA is undergoing a calibration
and self trim operation. Until this flag is clear, the ADA4254
output is not accurate. Writing a 1 or 0 to CAL_BUSY has no
effect. CAL_BUSY can be output on GPIO2 when GPIO2 is
configured as an output using the corresponding GPIO_DIR
bit and when the CAL_BUSY_OUT bit is set to 1.
Bit 5, SPI_CRC_ERR—SPI CRC Error
The SPI_CRC_ERR error flag indicates that an error occurred
during SPI communication with the ADA4254. This error
occurs when the user provided CRC does not match the
ADA4254 CRC calculation. Clear this error flag by writing
a 1 to the SPI_CRC_ERR bit.
Bit 4, SPI_RW_ERR—SPI Read/Write Error
The SPI_RW_ERR error flag indicates that a SPI read/write
operation is attempted on an invalid address. This error flag
can be cleared by writing a 1 to this bit.
Bit 3, SPI_SCLK_CNT_ERR—SPI SCLK Count Error
The SPI_SCLK_CNT_ERR error flag indicates that, during SPI
communication while CS is low, the number of SCLK edges is
either insufficient or excessive. This error flag can be cleared by
writing a 1 to this bit.
Bit 1, MM_CRC_ERR—Memory Map CRC Error
The MM_CRC_ERR error flag indicates that the current internal
memory map does not match the result from the previous SPI
write. If this error occurs, it is recommended to reprogram the
ADA4254 registers. This error flag can be cleared by writing a 1
to this bit.
Bit 0, ROM_CRC_ERR—ROM CRC Error
The ROM_CRC_ERR error flag indicates that the internal
ROM did not pass the CRC check. If this error occurs, it is
strongly recommended to reset or power cycle the device. If
the error does not reset with a power cycle or a soft reset, it is
possible that the device is permanently damaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com