Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4254ACPZ-R7 Datasheet(PDF) 52 Page - Analog Devices

Part # ADA4254ACPZ-R7
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254ACPZ-R7 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADA4254ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
ADA4254
Data Sheet
Rev. B | Page 52 of 59
DIGITAL ERROR MASK REGISTER (DIGITAL_ERR_DIS) DETAILS
The DIGITAL_ERR_DIS register can be used to mask individual error flags in the DIGITAL_ERR register. Setting bits in the
DIGITAL_ERR_DIS register to 1 disables the error flag.
Table 25. DIGITAL_ERR_DIS Register Details (Register 0x0B)
Bit Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
CAL_
BUSY_DIS
SPI_CRC_ERR_DIS
SPI_RW_
ERR_DIS
SPI_SCLK_CNT_
ERR_DIS
M_CLK_CNT_
ERR_DIS
MM_CRC_
ERR_DIS
ROM_CRC_
ERR_DIS
Access
Reserved
RW
RW
RW
RW
RW
RW
RW
Reset
Reserved
0
1
0
0
0
0
0
Bit 6, CAL_BUSY_DIS—Disable Calibration Busy Error
Flag
This bit disables the CAL_BUSY error flag.
Bit 5, SPI_CRC_ERR_DIS—Disable SPI CRC Error Flag
When SPI_CRC_ERR_DIS is cleared to 0, the ADA4254 expects
an additional checksum byte with write commands and transmits
an extra checksum byte with read commands. By default, SPI_
CRC_ERR_DIS is set to 1 and this functionality is disabled.
After enabling CRC, a manual check can be performed to
ensure that the CRC configuration command was properly
communicated. If the CRC is used, it is recommended to
configure the CRC before other registers so that all subsequent
communication receives the CRC.
Bit 4, SPI_RW_ERR_DIS—Disable SPI Read/Write Error
Flag
This bit disables the SPI_RW_ERR error flag.
Bit 3, SPI_SCLK_CNT_ERR_DIS—Disable SPI SCLK Count
Error Flag
This bit disables the SPI_SCLK_CNT_ERR error flag.
Bit 2, M_CLK_CNT_ERR_DIS—Disable Master Clock
Count Output
When this bit is set to 0, the master clock is updated in the
M_CLK_CNT register. Setting this bit to 1 stops M_CLK_CNT
from incrementing.
Bit 1, MM_CRC_ERR_DIS—Disable Memory Map CRC
Error Flag
This bit disables the MEM_MAP_ERR error flag.
Bit 0, ROM_CRC_ERR_DIS—Disable ROM CRC Error Flag
This bit disables the ROM_CRC_ERR error flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com