Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4254ACPZ-R7 Datasheet(PDF) 51 Page - Analog Devices

Part # ADA4254ACPZ-R7
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254ACPZ-R7 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADA4254ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 59 page
background image
Data Sheet
ADA4254
Rev. B | Page 51 of 59
ANALOG ERROR MASK REGISTER
(ANALOG_ERR_DIS) DETAILS
The ANALOG_ERR_DIS register can be used to mask
individual error flags in the ANALOG_ERR register. Setting
bits in ANALOG_ERR_DIS to 1 disables the corresponding
error flag.
Bit 7, G_RST_DIS—Disable Gain Reset Error Flag
This bit disables the G_RST error flag
Bit 6, POR_HV_DIS—Disable High Voltage Power Reset
Flag
This bit disables the POR_HV error flag.
Bit 4, WB_ERR_DIS—Disable Wire-Break Detection Flag
This bit disables the WB_ERR error flag.
Bit 3, MUX_PROT_DIS—Disable Input Multiplexer
Protection
By default, the input multiplexer does not allow both sets of
inputs to be connected at the same time (this is a safety feature).
This protection can be disabled by setting MUX_PROT_DIS to 1.
Bit 2, OUTPUT_ERR_DIS—Disable Output Amplifier Error
Flag
This bit disables the OUTPUT_ERR error flag.
Bit 1, INPUT_ERR_DIS—Disable Input Amplifier Error
Flag
This bit disables the INPUT_ERR error flag.
Bit 0, MUX_OVER_VOLT_ERR_DIS—Disable Multiplexer
Overvoltage Flag.
This bit disables the MUX_OVER_VOLT error flag.
Table 24. ANALOG_ERR_DIS Register Details (Register 0x0A)
Bit Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
G_RST_
DIS
POR_HV_
DIS
Reserved
WB_ERR_
DIS
MUX_PROT_DIS
OUTPUT_ERR_DIS
INPUT_
ERR_DIS
MUX_OVER_VOLT_ERR_DIS
Access
RW
RW
Reserved
RW
RW
RW
RW
RW
Reset
0
0
Reserved
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com