Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7933 Datasheet(PDF) 54 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 50Page - Analog Devices ADE7933 Datasheet HTML 51Page - Analog Devices ADE7933 Datasheet HTML 52Page - Analog Devices ADE7933 Datasheet HTML 53Page - Analog Devices ADE7933 Datasheet HTML 54Page - Analog Devices ADE7933 Datasheet HTML 55Page - Analog Devices ADE7933 Datasheet HTML 56Page - Analog Devices ADE7933 Datasheet HTML 57Page - Analog Devices ADE7933 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 125 page
background image
ADE7978/ADE7933/ADE7932/ADE7923
Data Sheet
Rev. D | Page 54 of 125
ROOT MEAN SQUARE MEASUREMENT
Root mean square (rms) is a measurement of the magnitude of
an ac signal. Its definition can be both practical and mathematical.
Defined practically, the rms value assigned to an ac signal is the
amount of dc required to produce an equivalent amount of power
in the load. Mathematically, the rms value of a continuous signal
f(t) is defined as
( )dt
t
f
t
rms
f
=
t
0
2
1
(18)
For time sampled signals, rms calculation involves squaring the
signal, taking the average, and obtaining the square root.
[ ]
=
=
N
N
n
f
N
rms
f
1
2
1
(19)
Equation 19 implies that for signals containing harmonics, the
rms calculation contains the contribution of all harmonics, not
only the fundamental.
The method used by the ADE7978 to compute the rms values is
to low-pass filter (LPF) the square of the input signal and take
the square root of the result (see Figure 74). If the input signal
f(t) is written as a sum of harmonic components, then
(
)
k
k
k
γ
t
ω
k
F
t
f
+
=
=
sin
2
)
(
1
(20)
The square of f(t) is
(
)
(
)
=
=
=
γ
+
ω
×
γ
+
ω
×
×
+
γ
+
ω
=
m
k
m
k
m
k
m
k
k
k
k
k
k
t
m
t
k
F
F
t
k
F
F
t
f
1
,
1
2
1
2
2
sin
sin
2
2
)
2
2
cos(
)
(
(21)
After the LPF and the execution of the square root, the rms
value of f(t) is obtained by
=
=
1
2
k
k
F
f
(22)
The rms calculation based on this method is simultaneously
processed on all current and voltage input channels. The results
are available in the following 24-bit registers: AIRMS, AVRMS,
AV2RMS, BIRMS, BVRMS, BV2RMS, CIRMS, CVRMS, CV2RMS,
and NIRMS (Address 0x43C0 to Address 0x43C9) and NVRMS
and NV2RMS (Address 0xE530 and Address 0xE531).
In addition, the ADE7978 computes the fundamental rms value of
the phase currents and voltages and makes them available in the
following 24-bit registers: AFIRMS, BFIRMS, CFIRMS, AFVRMS,
BFVRMS, and CFVRMS (Address 0xE537 to Address 0xE53C).
CURRENT RMS CALCULATION
This section describes how the rms values of all phase and neutral
currents are computed. Figure 74 shows the signal processing chain
for the rms calculation on one phase of the current channel. The
current channel rms value is processed from the samples used
in the current channel.
The current rms values are signed 24-bit values and are stored
in the AIRMS, BIRMS, CIRMS, and NIRMS registers. The rms
values of the fundamental components are stored in the AFIRMS,
BFIRMS, and CFIRMS registers. The update rate of the current
rms measurement is 8 kHz.
0xAED2C0 =
–5,320,000
0x512D40 =
+5,320,000
0V
CURRENT
SIGNAL
FROM HPF
LPF
x2
27
xIRMSOS[23:0]
xIRMS[23:0]
Figure 74. Current RMS Signal Processing
When Bit 14 (INSEL) of the CONFIG register is cleared to 0 (the
default value), the NIRMS register contains the rms value of the
neutral current. When the INSEL bit is set to 1, the NIRMS
register contains the rms value of the sum of the instantaneous
values of the phase currents. Note that in 3-phase, 3-wire delta
configuration, the Phase B current is not measured, and its
estimated rms value is equal to NIRMS when the INSEL bit is
set to 1. See the Neutral Current Mismatch section for more
information.
With the specified full-scale analog input signal of 31.25 mV, the
ADC produces an output code that is approximately 5,320,000.
The equivalent rms value of a full-scale sinusoidal signal is
3,761,808, independent of the line frequency.
The accuracy of the current rms is typically 0.1% error from
the full-scale input down to 1/1000 of the full-scale input. This
measurement has a bandwidth of 3.3 kHz.
To ensure rms measurement stability, follow these steps:
14. Read the rms registers at least once per line cycle over 1 sec.
15. Average the readings to obtain the rms value.
The settling time for the current rms measurement is 580 ms for
both 50 Hz and 60 Hz input signals. The current rms measurement
settling time is the time it takes for the rms register to reflect the
value at the input to the current channel when starting from 0.
The serial ports of the ADE7978 work with 32-, 16-, or 8-bit
words, whereas the DSP works with 28-bit words. The 24-bit
signed xIRMS and xFIRMS registers are transmitted as 32-bit
registers with the eight MSBs padded with 0s (see Figure 75).
31
24 23
0
24-BIT NUMBER
0000
0000
Figure 75. 24-Bit xIRMS and xFIRMS Registers Transmitted as 32-Bit Words



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com