Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7933 Datasheet(PDF) 58 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 54Page - Analog Devices ADE7933 Datasheet HTML 55Page - Analog Devices ADE7933 Datasheet HTML 56Page - Analog Devices ADE7933 Datasheet HTML 57Page - Analog Devices ADE7933 Datasheet HTML 58Page - Analog Devices ADE7933 Datasheet HTML 59Page - Analog Devices ADE7933 Datasheet HTML 60Page - Analog Devices ADE7933 Datasheet HTML 61Page - Analog Devices ADE7933 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 125 page
background image
ADE7978/ADE7933/ADE7932/ADE7923
Data Sheet
Rev. D | Page 58 of 125
0
–10
–20
–30
–40
0.1
1
10
FREQUENCY (Hz)
Figure 82. Frequency Response of the LPF Used to Filter Instantaneous Power
in Each Phase: LPFSEL Bit of CONFIG Register Set to 1
The ADE7978 stores the instantaneous total phase active
powers in the 24-bit AWATT, BWATT, and CWATT registers
(Address 0xE518 to Address 0xE51A). To calculate the value
of these registers, use the following equation:
=
×
×
=
1
k
FS
k
FS
k
I
I
V
V
xWATT
cos(φk − γk) × PMAX × 42
1
(27)
where:
VFS and IFS are the rms values of the phase voltage and current
when the ADC inputs are at full scale.
PMAX = 26,991,271, the instantaneous power computed when
the ADC inputs are at full scale and in phase.
The xWATT[23:0] waveform registers can be accessed using
any of the serial port interfaces. For more information, see the
Waveform Sampling Mode section.
FUNDAMENTAL ACTIVE POWER CALCULATION
The ADE7978 computes the fundamental active power using a
proprietary algorithm that requires initialization of the network
frequency and of the nominal voltage measured in the voltage
channel. Bit 14 (SELFREQ) in the COMPMODE register
(Address 0xE60E) must be set according to the frequency of the
network in which the ADE7978 is connected. If the network
frequency is 50 Hz, clear this bit to 0 (the default value). If the
network frequency is 60 Hz, set this bit to 1.
To initialize the nominal voltage measured in the voltage channel,
configure the 28-bit signed VLEVEL register (Address 0x43A2)
with a positive value based on the following equation:
6
10
4 ×
×
=
n
FS
V
V
VLEVEL
(28)
where:
VFS is the rms value of the phase voltages when the ADC inputs
are at full scale.
Vn is the rms nominal value of the phase voltage.
Table 22 provides the settling time for the fundamental active
power measurement. The settling time is the time required for
the power to reflect the value at the input of the ADE7978.
Table 22. Settling Time for Fundamental Active Power
Input Signal
Settling Time (ms)
63% PMAX
375
100% PMAX
875
The serial ports of the ADE7978 work with 32-, 16-, or 8-bit
words, whereas the DSP works with 28-bit words. The 28-bit
signed VLEVEL register is transmitted as a 32-bit register with
the four most significant bits padded with 0s (see Figure 83).
31
28 27
0
28-BIT NUMBER
0000
Figure 83. 28-Bit VLEVEL Register Transmitted as a 32-Bit Word
ACTIVE POWER GAIN CALIBRATION
The average active power result from the LPF2 output in each
phase can be scaled by ±100% by writing to the 24-bit watt
gain register for each phase: APGAIN, BPGAIN, or CPGAIN
(Address 0x4399 to Address 0x439B). Because all power datapaths
have identical overall gains, the xPGAIN registers are used with
the datapaths of all powers computed by the ADE7978: total
active and reactive powers, fundamental active and reactive
powers, and apparent powers. Therefore, to compensate the
gain errors in the datapaths of various powers, it is sufficient to
analyze only one power datapath (for example, the total active
power) and calculate the corresponding APGAIN, BPGAIN,
and CPGAIN register values.
The power gain registers are twos complement signed registers
with a resolution of 2−23/LSB. Equation 29 describes mathematically
the function of the power gain registers.
Average Power Data =
(29)


+
×
23
2
1
Register
Gain
Power
Output
LPF2
The output is decreased by 50% by writing 0xC00000 to the
watt gain registers; the output is increased by 50% by writing
0x400000 to the watt gain registers. These registers are used to
calibrate the active, reactive, and apparent power (or energy)
calculation for each phase.
The serial ports of the ADE7978 work with 32-, 16-, or 8-bit
words, whereas the DSP works with 28-bit words. Like the
xIGAIN registers shown in Figure 52, the 24-bit APGAIN,
BPGAIN, and CPGAIN registers are sign extended to 28 bits
and padded with four 0s for transmission as 32-bit registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com